Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5061AUE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5061AUE
Description  0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5061AUE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5061AUE Datasheet HTML 1Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 2Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 3Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 4Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 5Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 6Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 7Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 8Page - Maxim Integrated Products MAX5061AUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX5060/MAX5061 pulse-width modulation (PWM)
DC-DC controllers provide high-output-current capability
in a compact package with a minimum number of exter-
nal components. These devices utilize an average-cur-
rent-mode control that enables optimal use of low
RDS(ON) MOSFETs, eliminating the need for external
heatsinks even when delivering high output currents.
Differential sensing (MAX5060) enables accurate control
of the output voltage, while adaptive voltage positioning
provides optimum transient response. An internal regula-
tor enables operation with 4.75V to 5.5V or 7V to 28V
input voltage ranges. The high switching frequency, up
to 1.5MHz, allows the use of low-output inductor values
and input capacitor values. This accommodates the use
of PC-board-embedded planar magnetics.
The MAX5060 features a clock output with 180° phase
delay to control a second out-of-phase converter for
lower capacitor ripple currents. The MAX5060 also limits
the reverse current if the bus voltage becomes higher
than the regulated output voltage. The MAX5060 is
specifically designed to limit current sinking when multi-
ple power-supply modules are paralleled. The
MAX5060/MAX5061 offer an adjustable 0.6V to 5.5V out-
put voltage. The MAX5060 offers an overvoltage protec-
tion, power-good signal, and an output enable function.
The MAX5060/MAX5061 operate over the automotive
temperature range (-40°C to +125°C). The MAX5060 is
available in a 28-pin thin QFN package while the
MAX5061 is available in a 16-pin TSSOP package.
Applications
Servers and Workstations
Point-of-Load Telecom DC-DC Regulators
Networking Systems
RAID Systems
High-End Desktop Computers
Features
♦ 4.75V to 5.5V or 7V to 28V Input Voltage Range
♦ Adjustable Output Voltage from 0.6V to 5.5V
♦ Up to 30A Output Current
♦ Can Parallel Outputs For Higher Output Current
♦ Programmable Adaptive Output Voltage
Positioning
♦ True-Differential Remote Output Sensing
(MAX5060)
♦ Average-Current-Mode Control
• Superior Current Sharing Between Paralleled
Modules
• Accurate Current Limit Eliminates MOSFET
and Inductor Derating
♦ Limits Reverse Current Sinking in Paralleled
Modules (MAX5060)
♦ Programmable Switching Frequency from 125kHz
to 1.5MHz
♦ Integrated 4A Gate Drivers
♦ Clock Output for 180° Out-of-Phase Operation
(MAX5060)
♦ Voltage Signal Proportional to Output Current for
Load Monitoring (MAX5060)
♦ Output Overvoltage Crowbar Protection
(MAX5060)
♦ Programmable Hiccup Current-Limit Threshold
and Response Time
♦ Overtemperature Thermal Shutdown
0.6V to 5.5V Output, Parallelable,
Average-Current-Mode DC-DC Controllers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
Selector Guide
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX5060ATI
-40°C to +125°C
28 TQFN-EP*
T2855-3
MAX5060ETI
-40°C to +85°C
28 TQFN-EP*
T2855-3
MAX5061AUE -40°C to +125°C
16 TSSOP-EP*
U16E-3
MAX5061EUE
-40°C to +85°C
16 TSSOP-EP*
U16E-3
PART
OUTPUT
MAX5060
Average-Current-Mode DC-DC Controller
for 5V/12V/24V Input Bus with CLKOUT,
Load Monitoring, Overvoltage, EN Input,
SYNC Input, and PGOOD Output
MAX5061
Average-Current-Mode DC-DC Controller
for 5V/12V/24V Input with SYNC/ENABLE
Input
19-3583; Rev 2; 7/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
*EP = Exposed pad.


Similar Part No. - MAX5061AUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062AASA MAXIM-MAX5062AASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062AASA MAXIM-MAX5062AASA Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062BASA MAXIM-MAX5062BASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
More results

Similar Description - MAX5061AUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5065 MAXIM-MAX5065 Datasheet
652Kb / 32P
   Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
Rev 1; 11/03
MAX5038A MAXIM-MAX5038A Datasheet
680Kb / 26P
   Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5038 MAXIM-MAX5038 Datasheet
406Kb / 26P
   Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
   VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
Linear Technology
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
   8-Channel Parallelable 1A Buck DC/DC
logo
Taiwan Semiconductor Co...
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
logo
Power-One
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
logo
Maxim Integrated Produc...
MAX8515 MAXIM-MAX8515 Datasheet
268Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com