Electronic Components Datasheet Search
Selected language     English  ▼


AN7356NSC Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN7356NSC
Description  Recording and playback equalizer amp. IC for Hi-Fi cassette deck
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

 
 3 page
background image
ICs for Cassette/Cassette Deck Use
AN7356NSC
3
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
±7.7
V
VDD
+7.7
Supply current
ICC
mA
Power dissipation *
2
PD
443
mW
Operating ambient temperature *
1
Topr
−25 to +75
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Pin No.
Description
1
Negative supply pin
2
Playback amp. TAPE1 input
3
Playback amp. TAPE2 input
4
Playback amp. negative feedback input
5
Playback amp. equalizer pin
6
Playback amp. negative feedback output
7
LPF pin
8
Playback amp. output
9
Positive supply pin
10
Recording amp. non-inverting input
11
Low frequency band boost pin
12
DAC output pin(Addr.: 02)
13
Recording equalizer amp. output
14
Recording volume amp. input
15
Recording amp. voltage output
16
Recording amp. current output
17
DAC output pin(Addr.: 0A)
18
DAC output pin (Addr.: 09)
19
FET drive current output
20
Negative supply pin
21
Erase current output
Pin No.
Description
22
Clock input
23
Serial data input
24
GND pin
25
Positive supply pin
26
Injector current pin
27
Recording amp. current output
28
Recording amp. voltage output
29
Recording volume amp. input
30
Recording equalizer amp. output
31
32
Low frequency band boost pin
33
Recording amp. non-inverting input
34
DAC calibration pin
35
Playback amp. output
36
LPF pin
37
Playback amp. negative feedback output
38
Playback amp. equalizer pin
39
Playback amp. negative feedback input
40
Playback amp. TAPE2 input
41
Playback amp. TAPE1 input
42
GND pin
s Pin Descriptions
s Absolute Maximum Ratings
Note) *1 : All items are at Ta = 25°C, except for the operating ambient temperature and storage temperature.
*2 : Power dissipation of the IC single unit at Ta = 75°C. Use the IC under the conditions of not exceeding the allowable power
dissipation curve.
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
±4.5 to ±6.5 (typ.) to ±7.2
V
VDD
4.5 to 5.0 to
5.5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7316DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE 1 2 3 4 5 MorePanasonic Semiconductor
CXA1398PRECORDING EQUALIZER IC FOR STEREO CASSETTE DECK 1 2 3 4 5 MoreSony Corporation
AN7353SRecord Equalizer Amp. for Stereo Cassette Deck 1 2 3 Panasonic Semiconductor
AN3358SH2-head recording and playback amplifier IC for 8 mm video camera 1 2 3 4 5 MorePanasonic Semiconductor
LA7375Recording and Playback Amplifier for VHS Video Recorders 1 2 3 4 5 MoreSanyo Semicon Device
AN3316KRecording/Playback Amplifier IC for VCR Hi-Fi Audio 1 2 Panasonic Semiconductor
AN6209RECORDING AND PLAYBACK CIRCUITS FOR TAPE RECORDERS AND VTRS 1 2 3 4 5 MorePanasonic Semiconductor
CXA1198APSTEREO CASSETTE DECK RECORDING EQUALIZER 1 2 3 4 5 MoreSony Corporation
CXA1495PRECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS 1 2 3 4 5 MoreSony Corporation
AN6210DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl