Electronic Components Datasheet Search
Selected language     English  ▼


AN7356NSC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN7356NSC
Description  Recording and playback equalizer amp. IC for Hi-Fi cassette deck
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

 
 4 page
background image
AN7356NSC
ICs for Cassette/Cassette Deck Use
4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Playback system
VIN = −56 dBV, f = 1 kHZ, 30 kHz LPF on
Reference output level (0 dB)
V1
     
−3.4
−1.4
0.6
dBV
Data(1)
Reference output level (
+6 dB)
GH
Difference between 6 dB and 0 dB
5.0
6.0
7.0
dB
Data(2)
GH = data (2)−data (1)
Reference output level (
−6 dB)
GL
Difference between
−6 dB and 6 dB 10
11.8
13.5
dB
Data(3)
GL = data (2)−data (3)
Level difference between
∆G
T12
Operation: The above reference output
01
dB
tapes
level (V1) difference between tapes
Total harmonic distortion (T1, 0 dB)
THD1
VIN = −64 dBV, 30 kHz LPF on
0.12
0.4
%
Total harmonic distortion (T2, 0 dB) THD2
VIN = −64 dBV, 30 kHz LPF on
0.12
0.4
%
Output noise voltage (T1, 0 dB)
VNO1
IHF
−A, R
g = 2.2 kΩ
−69
−56
dBV
Output noise voltage (T2, 0 dB)
VNO2
IHF
−A, R
g = 2.2 kΩ
−69
−56
dBV
Maximum output level (0 dB)
VOMX
THD
= 3%
2.0
3.6
dBV
Cross talk (ch. R
→ ch. L)
CT1
Rg (CH2) = 220 Ω
60

dB
Cross talk (ch. L
→ ch. R)
CT2
Rg (CH1) = 220 Ω
60

dB
Output offset voltage (0 dB)
VOFF
Rg = 220 Ω−450
+130
mV
Mute attenuation (T2)
GM0
DAC5
= (08)
60

dB
Mute attenuation (T1)
GM1
T2 mode
60

dB
Mute attenuation (T2)
GM2
T1 mode
60

dB
Pulse noise voltage
∆V
P
Rg = 2.2 kΩ
09
mV
EQ-VR (120
µ)V
EQ120
f
= 10 kHz
−7.3
−5.3
−3.3 dBV Data(17)
EQ-VR (70
µ)G
EQ70
f
= 10 kHz
−5.0
−4.0
−3.0
dB
Data(18)
GEQ70 = data (18)−data (17)
EQ-VR (50
µ)G
EQ50
f
= 10 kHz
−8.5
−7.5
−6.5
dB
Data(19)
GEQ50 = data (19)−data (17)
600 Hz LPF (50
µ)G
LPF
f
= 10 kHz
−25
−20
dB
Data(23)
GLPF = data (23)−data (19)
T1/T2 switching shock noise
∆V
T12
Operation: The above output offset
−55
0
55
mV
voltage (VOFF) difference between tapes
Recording system
Reference output (EQ output)
VEQ
fIN = 400 Hz, VIN = 6 dBV
−3
−0.5
2.0
dBV
Middle and high
High
GHH
V (400 Hz)
= 0 dB f
IN = 10 kHz
3.0
5.0
7.0
dB
Data (32H)
frequency gain
Low
∆G
HL
∆GHL = data
VIN = −12 dBV
10
13
15
Data (32L)
(32H)
−data (32L)
High frequency
High
GPH
V(400 Hz)
= 0 dB f
IN = 25 kHz
18
21
22
dB
Data (33H)
peak gain
Low
∆G
PL
∆GHL = data
VIN = −30 dBV
18
12
24
Data (33L)
(33H)
−data (33L)
s Electrical Characteristics at VCC = ±6.5 V, Ta = 25°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7316DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE 1 2 3 4 5 MorePanasonic Semiconductor
CXA1398PRECORDING EQUALIZER IC FOR STEREO CASSETTE DECK 1 2 3 4 5 MoreSony Corporation
AN7353SRecord Equalizer Amp. for Stereo Cassette Deck 1 2 3 Panasonic Semiconductor
AN3358SH2-head recording and playback amplifier IC for 8 mm video camera 1 2 3 4 5 MorePanasonic Semiconductor
LA7375Recording and Playback Amplifier for VHS Video Recorders 1 2 3 4 5 MoreSanyo Semicon Device
AN3316KRecording/Playback Amplifier IC for VCR Hi-Fi Audio 1 2 Panasonic Semiconductor
AN6209RECORDING AND PLAYBACK CIRCUITS FOR TAPE RECORDERS AND VTRS 1 2 3 4 5 MorePanasonic Semiconductor
CXA1198APSTEREO CASSETTE DECK RECORDING EQUALIZER 1 2 3 4 5 MoreSony Corporation
CXA1495PRECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS 1 2 3 4 5 MoreSony Corporation
AN6210DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl