Electronic Components Datasheet Search
Selected language     English  ▼


AN7356NSC Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN7356NSC
Description  Recording and playback equalizer amp. IC for Hi-Fi cassette deck
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

 
 5 page
background image
ICs for Cassette/Cassette Deck Use
AN7356NSC
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Recording system (continued)
High frequency peak
Wide
GQW
V(25 kHz)
= 0 dB
f(peak) = 25 kHz
2.7
4.7
6.7
dB
Data(34W)
bandwidth
NAR
∆G
QL
∆GHL = data (34W) f = 35 kHz
14
16
18
Data(34N)
(10 kHz output)
−Data (34N)
VIN = −18 dBV
High frequency peak
High
DfPH
fIN = 44 kHz
VIN = −30 dBV (2D)
(30)
(3B)
frequency DAC control
Low
DfPL
fIN = 11 kHz
(0D)
(10)
(13)
Volume amp. gain
High
GTH
  
VIN = −18 dBV
17
19
21
dB
Data(36H)
(VOL output)
Low
∆G
TL
∆GTL = data (36H) f
IN = 1 kHz
16.3
18.3
20.3
Data(36L)
−data (36L)
(VR input)
Total harmonic
VOL
THDRV
VIN = −14 dBV
fIN = 1 kHz
0.3
0.8
%
distortion
RLV = 10 kΩ
CURR
THDRC
VIN = −20 dBV
0.3
0.8
RLV = l kΩ
Maximum output
VOL
VO-RV
RLV = 10 kΩ
fIN = 1 kHz
2.2
3.2
 V[rms]
voltage
CURR
VO-RC
RLV = 1 kΩ
THD
= 3%
1.0
1.5
Output noise voltage
VN-RC
Rg = 0 Ω, RLV = 1 kΩ
0.45
2
mV[rms]
(curr. output)
IHF-A
Input muting attenuation
IMEQ
fIN = 1 kHz, VIN = −6 dBV
40

dB
(EQ output)
Output offset voltage
VOF-EQ
       
−500
+900
mV
(EQ output)
Output offset voltage
VOF-RC
       
−25
+25
µA
(curr. output)
Output muting attenuation
OMRV
fIN = 1 kHz, VIN = 0 dBV
60

dB
(VOL output)
DAC (GTL)
= (10)
Pulse noise voltage
VPN (RC) Rg = 0 Ω−9
+9 mV[p-0]
(curr. output)
Logic system
Bias output (low)
VBL
DAC09
= (00)
−2.5
−1.9
1.5
V
DC voltage
DAC0A
= (00)
Data(45)
Bias control width
∆V
BH
DAC09
= (FF), DAC0A = (FF)
4.2
4.7
5.2
V
DC voltage
Data(46)
−data(45)
Data(46)
Current consumption
Analog
+V
CC
IVCC
Without input
21
28
34
mA
DC
Digital
+V
DD
IVDD
Without input
0.7
1.5
2.3
mA
DC
−V
EE
IVEE
Without input
−40
−36
−31
mA
DC
s Electrical Characteristics at VCC = ±6.5 V, Ta = 25°C (continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7316DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE 1 2 3 4 5 MorePanasonic Semiconductor
CXA1398PRECORDING EQUALIZER IC FOR STEREO CASSETTE DECK 1 2 3 4 5 MoreSony Corporation
AN7353SRecord Equalizer Amp. for Stereo Cassette Deck 1 2 3 Panasonic Semiconductor
AN3358SH2-head recording and playback amplifier IC for 8 mm video camera 1 2 3 4 5 MorePanasonic Semiconductor
LA7375Recording and Playback Amplifier for VHS Video Recorders 1 2 3 4 5 MoreSanyo Semicon Device
AN3316KRecording/Playback Amplifier IC for VCR Hi-Fi Audio 1 2 Panasonic Semiconductor
AN6209RECORDING AND PLAYBACK CIRCUITS FOR TAPE RECORDERS AND VTRS 1 2 3 4 5 MorePanasonic Semiconductor
CXA1198APSTEREO CASSETTE DECK RECORDING EQUALIZER 1 2 3 4 5 MoreSony Corporation
CXA1495PRECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS 1 2 3 4 5 MoreSony Corporation
AN6210DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl