Electronic Components Datasheet Search
Selected language     English  ▼


AN7356NSC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN7356NSC
Description  Recording and playback equalizer amp. IC for Hi-Fi cassette deck
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

 
 1 page
background image
ICs for Cassette/Cassette Deck Use
1
AN7356NSC
Recording and playback equalizer amp. IC for Hi-Fi cassette deck
s Overview
The AN7356NSC is an audio signal processing IC for
analog cassette deck. All the recording and playback pro-
cessing can be realized with one chip.
s Features
• Control various adjustment circuit by serial data
• Playback system
• Built-in variable volume circuit (
±6 dB) for playback
gain adjustment
• Built-in various equalizer switching circuit
• Built-in series mute circuit
• Recording system
• Built-in equalizer (freq. characteristics, gain) circuit of
middle and high frequencies
• Built-in volume circuit (
+20 dB) for overall gain
adjustment
• With low frequency band boost pins
• Built-in drive circuit for current output
• With parallel data output
s Applications
• Cassette deck (Hi-Fi)
SSOP042-P-0450A
Unit: mm
0.3
1
21
42
22
11.5±0.3
9.5±0.3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7316DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE 1 2 3 4 5 MorePanasonic Semiconductor
CXA1398PRECORDING EQUALIZER IC FOR STEREO CASSETTE DECK 1 2 3 4 5 MoreSony Corporation
AN7353SRecord Equalizer Amp. for Stereo Cassette Deck 1 2 3 Panasonic Semiconductor
AN3358SH2-head recording and playback amplifier IC for 8 mm video camera 1 2 3 4 5 MorePanasonic Semiconductor
LA7375Recording and Playback Amplifier for VHS Video Recorders 1 2 3 4 5 MoreSanyo Semicon Device
AN3316KRecording/Playback Amplifier IC for VCR Hi-Fi Audio 1 2 Panasonic Semiconductor
AN6209RECORDING AND PLAYBACK CIRCUITS FOR TAPE RECORDERS AND VTRS 1 2 3 4 5 MorePanasonic Semiconductor
CXA1198APSTEREO CASSETTE DECK RECORDING EQUALIZER 1 2 3 4 5 MoreSony Corporation
CXA1495PRECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS 1 2 3 4 5 MoreSony Corporation
AN6210DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl