Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23137D-60DS9 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23137D-60DS9
Description  1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23137D-60DS9 Datasheet(HTML) 8 Page - OKI electronic componets

  MSC23137D-60DS9 Datasheet HTML 1Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 2Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 3Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 4Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 5Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 6Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 7Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 8Page - OKI electronic componets MSC23137D-60DS9 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC23137D
AC Characteristics (2/2)
(VCC = 5V ± 10%, Ta = 0°C to +70°C ) Note: 1, 2, 3, 11, 12
MSC23137D
-60BS9/DS9
MSC23137D
-70BS9/DS9
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Read Command Set-up Time
tRCS
0-
0-
ns
Read Command Hold Time
tRCH
0-
0-
ns
8
Read Command Hold Time referenced to /RAS
tRRH
0-
0-
ns
8
Write Command Set-up Time
tWCS
0-
0-
ns
9
Write Command Hold Time
tWCH
10
-
10
-
ns
Write Command Hold Time from /RAS
tWCR
45
-
50
-
ns
Write Command Pulse Width
tWP
10
-
10
-
ns
/OE Command Hold Time
tOEH
15
-
20
-
ns
Write Command to /RAS Lead Time
tRWL
15
-
20
-
ns
Write Command to /CAS Lead time
tCWL
15
-
20
-
ns
Data-in Set-up Time
tDS
0-
0-
ns
10
Data-in Hold Time
tDH
15
-
15
-
ns
10
Data-in Hold Time from /RAS
tDHR
50
-
55
-
ns
/OE to Data-in Delay Time
tOED
15
-
20
-
ns
/CAS to /WE Delay Time
tCWD
35
-
45
-
ns
9
Column Address to /WE Delay Time
tAWD
50
-
60
-
ns
9
/RAS to /WE Delay Time
tRWD
80
-
95
-
ns
9
/CAS Precharge /WE Delay Time
tCPWD
55
-
65
-
ns
9
/CAS Active Delay Time from /RAS Precharge
tRPC
10
-
10
-
ns
/RAS to /CAS Set-up Time
(/CAS before /RAS)
tCSR
5-
5-
ns
/RAS to /CAS Hold Time
(/CAS before /RAS)
tCHR
10
-
10
-
ns
/WE to /RAS Precharge Time
(/CAS before /RAS)
tWRP
10
-
10
-
ns
/WE Hold Time from /RAS
(/CAS before /RAS)
tWRH
10
-
10
-
ns
/RAS to /WE Set-up Time
(Test Mode)
tWTS
10
-
10
-
ns
/RAS to /WE Hold Time
(Test Mode)
tWTH
10
-
10
-
ns


Similar Part No. - MSC23137D-60DS9

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A-XXBS2 OKI-MSC2313258A-XXBS2 Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A-XXDS2 OKI-MSC2313258A-XXDS2 Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXBS2 OKI-MSC2313258D-XXBS2 Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23137D-60DS9

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23136D OKI-MSC23136D Datasheet
83Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
   1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23140D-XXBS10 OKI-MSC23140D-XXBS10 Datasheet
84Kb / 9P
   1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com