Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23140D-60BS10 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSC23140D-60BS10
Description  1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23140D-60BS10 Datasheet(HTML) 9 Page - OKI electronic componets

  MSC23140D-60BS10 Datasheet HTML 1Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 2Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 3Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 4Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 5Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 6Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 7Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 8Page - OKI electronic componets MSC23140D-60BS10 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor
MSC23140D
Notes: 1. A start-up delay of 200µs is required after power-up, followed by a minimum of eight initialization cycles
(/RAS only refresh or /CAS before /RAS refresh) before proper device operation is achieved.
2. The AC characteristics assumes tT = 5ns.
3. VIH(Min.) and VIL(Max.) are reference levels for measuring input timing signals. Transition time (tT) are
measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2TTL loads and 100pF.
5. Operation within the tRCD(Max.) limit ensures that tRAC(Max.) can be met.
tRCD(Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD(Max.) limit, then
the access time is controlled by tCAC.
6. Operation within the tRAD(Max.) limit ensures that tRAC(Max.) can be met.
tRAD(Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD(Max.) limit, then
the access time is controlled by tAA.
7. tOFF(Max.) and tOEZ(Max.) define the time at which the output achieves the open circuit condition and are
not referenced to output voltage levels.
8. tRCH or tRRH must be satisfied for a read cycle.
9. tWCS, tCWD, tRWD and tCPWD are not restrictive operating parameters. They are included in the data sheet
as electrical characteristics only. If tWCS
≥ t
WCS(Min.), the cycle is an early write cycle and the data out will
remain open circuit (high impedance) throughout the entire cycle. If tCWD
≥ t
CW D(Min.), tRW D
≥ t
RW D(Min.),
tAWD
≥ t
AW D(Min.) and tCPW D
≥ t
CPW D(Min.), the cycle is a read modify write cycle and data out will contain
data read from the selected cell; if neither or the above sets of conditions is satisfied, the conditions of
the data out (at access time) is indeterminate.
10. These parameters are referenced to /CAS leading edge in an early write cycle, and to /WE leading edge
in an /OE control write cycle or a read modify write cycle.
11. The test mode is initiated by performing a /WE and /CAS before /RAS refresh cycle. This mode is
latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet
is a 2-bit parallel test function. CA0 is not used. In a read cycle, if all internal bits are equal, the DQ pin
will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level.
The test mode is cleared and the memory device returned to its normal operating state by a /RAS only
refresh or /CAS before /RAS refresh cycle.
12. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified value.
These parameters should be specified in test mode cycle by adding the above value to the specified
value in this data sheet.


Similar Part No. - MSC23140D-60BS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23108C OKI-MSC23108C Datasheet
540Kb / 8P
   1,048,576-wordx8-Bit DRAM MODULE:FAST PAGE MODE TYPE
MSC23108CL-XXDS2 OKI-MSC23108CL-XXDS2 Datasheet
540Kb / 8P
   1,048,576-wordx8-Bit DRAM MODULE:FAST PAGE MODE TYPE
MSC23109C OKI-MSC23109C Datasheet
512Kb / 8P
   1,048,576-word x 9-Bit DRAM MODULE:FAST PAGE MODE TYPE
MSC23109CL-XXDS3 OKI-MSC23109CL-XXDS3 Datasheet
512Kb / 8P
   1,048,576-word x 9-Bit DRAM MODULE:FAST PAGE MODE TYPE
MSC23109D OKI-MSC23109D Datasheet
312Kb / 9P
   1,048,576 Word By 9 Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23140D-60BS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23136D OKI-MSC23136D Datasheet
83Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23137D-XXBS9 OKI-MSC23137D-XXBS9 Datasheet
84Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514400EL OKI-MSM514400EL Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com