Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78R09C Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KA78R09C
Description  1A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R09C Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA78R09C Datasheet HTML 3Page - Fairchild Semiconductor KA78R09C Datasheet HTML 4Page - Fairchild Semiconductor KA78R09C Datasheet HTML 5Page - Fairchild Semiconductor KA78R09C Datasheet HTML 6Page - Fairchild Semiconductor KA78R09C Datasheet HTML 7Page - Fairchild Semiconductor KA78R09C Datasheet HTML 8Page - Fairchild Semiconductor KA78R09C Datasheet HTML 9Page - Fairchild Semiconductor KA78R09C Datasheet HTML 10Page - Fairchild Semiconductor KA78R09C Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
KA78RXXC-SERIES
7
Typical Performance Characteristics (Continued)
Figure 7. Power Dissipation vs. Temperature(Tj)
-25
TEMPERATURE TJ(oC)
75
125
0
25
50
100
15
10
5
20
0
j
Output Current(A)
0
0.5
1.0
1.5
2.5
2.0
80
60
20
100
0
40
3.0
Output Current(A)
0
0.5
1.0
Output Current(A)
0
0.5
1.0
1.5
2.5
2.0
80
60
20
100
0
40
3.0
1.5
2.5
2.0
80
60
20
100
0
40
3.0
Figure 8. Overcurrent Protection Characteristics
(Typical Value)
0123456
1.50
1.75
2.00
2.25
2.50
2.75
Input-output differential voltage Vin-Vo (V)
Figure 9. Output Peak Currenrt vs.
Input-Output Differential Voltage


Similar Part No. - KA78R09C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78R09CTSTU FAIRCHILD-KA78R09CTSTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R09CTU FAIRCHILD-KA78R09CTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R09CYDTU FAIRCHILD-KA78R09CYDTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Similar Description - KA78R09C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com