Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23236DL-70DS20 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23236DL-70DS20
Description  2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23236DL-70DS20 Datasheet(HTML) 8 Page - OKI electronic componets

  MSC23236DL-70DS20 Datasheet HTML 1Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 2Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 3Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 4Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 5Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 6Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 7Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 8Page - OKI electronic componets MSC23236DL-70DS20 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC23236D/DL
AC Characteristics (2/2)
(VCC = 5V ± 10%, Ta = 0°C to +70°C ) Note: 1, 2, 3, 9, 10
MSC23236D/DL
-60BS20/DS20
MSC23236D/DL
-70BS20/DS20
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write Command Set-up Time
tWCS
0-
0-
ns
Write Command Hold Time
tWCH
10
-
10
-
ns
Write Command Hold Time from /RAS
tWCR
45
-
50
-
ns
Write Command Pulse Width
tWP
10
-
10
-
ns
Write Command to /RAS Lead Time
tRWL
15
-
20
-
ns
Write Command to /CAS Lead Time
tCWL
15
-
20
-
ns
Data-in Set-up Time
tDS
0-
0-
ns
Data-in Hold Time
tDH
15
-
15
-
ns
Data-in Hold Time from /RAS
tDHR
50
-
55
-
ns
/CAS Active Delay Time from /RAS Precharge
tRPC
10
-
10
-
ns
/RAS to /CAS Set-up Time
(/CAS before /RAS)
tCSR
5-
5-
ns
/RAS to /CAS Hold Time
(/CAS before /RAS)
tCHR
10
-
10
-
ns
/WE to /RAS Precharge Time
(/CAS before /RAS)
tWRP
10
-
10
-
ns
/WE Hold Time from /RAS
(/CAS before /RAS)
tWRH
10
-
10
-
ns
/RAS to /WE Set-up Time
(Test Mode)
tWTS
10
-
10
-
ns
/RAS to /WE Hold Time
(Test Mode)
tWTH
10
-
10
-
ns


Similar Part No. - MSC23236DL-70DS20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236CL-XXBC20 OKI-MSC23236CL-XXBC20 Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236CL-XXDS20 OKI-MSC23236CL-XXDS20 Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23236DL-70DS20

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23237D-XXBS18 OKI-MSC23237D-XXBS18 Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV232D-XXBS4 OKI-MSC23CV232D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com