Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23440D-XXDS10 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC23440D-XXDS10
Description  4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23440D-XXDS10 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC23440D-XXDS10 Datasheet HTML 1Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 2Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 3Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 4Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 5Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 6Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 7Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 8Page - OKI electronic componets MSC23440D-XXDS10 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor
MSC23440D
5/9
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VT
−0.5 to 7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD *10
W
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature
TSTG
−40 to 125
°C
*: Ta = 25°C
Recommended Operating Conditions
(Ta = 0°C to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.4
VCC
+ 0.5
V
Input Low Voltage
VIL
−0.5
0.8
V
Capacitance
(VCC = 5V ±10%, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 - A10)
CIN1
70
pF
Input Capacitance (/RAS0, /CAS0, /WE, /OE)
CIN2
80
pF
I/O Capacitance (DQ0 - DQ39)
CI/O
16
pF


Similar Part No. - MSC23440D-XXDS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23441D OKI-MSC23441D Datasheet
85Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23441D-60BS10 OKI-MSC23441D-60BS10 Datasheet
85Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23441D-60DS10 OKI-MSC23441D-60DS10 Datasheet
85Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23441D-70BS10 OKI-MSC23441D-70BS10 Datasheet
85Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23441D-70DS10 OKI-MSC23441D-70DS10 Datasheet
85Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23440D-XXDS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23441D-XXBS10 OKI-MSC23441D-XXBS10 Datasheet
85Kb / 9P
   4,194,304-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436D OKI-MSC23436D Datasheet
47Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23432D OKI-MSC23432D Datasheet
45Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436C OKI-MSC23436C Datasheet
46Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q436D-XXBS9 OKI-MSC23Q436D-XXBS9 Datasheet
79Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V47207TD-XXBS18 OKI-MSC23V47207TD-XXBS18 Datasheet
92Kb / 10P
   4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV432D-XXBS8 OKI-MSC23CV432D-XXBS8 Datasheet
82Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V46407TD-XXBS16 OKI-MSC23V46407TD-XXBS16 Datasheet
92Kb / 10P
   4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23437D-XXBS9 OKI-MSC23437D-XXBS9 Datasheet
86Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com