Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH42FB-XPC1 Datasheet(PDF) 3 Page - Winson Semiconductor Corp.

Part # WSH42FB-XPC1
Description  Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH42FB-XPC1 Datasheet(HTML) 3 Page - Winson Semiconductor Corp.

  WSH42FB-XPC1 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 5Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 6Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 7Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 8Page - Winson Semiconductor Corp. WSH42FB-XPC1 Datasheet HTML 9Page - Winson Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
WSH42FB
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2005/9/23
3
(T=+25˚C, Vcc=2.8V to 14V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
V
Output Saturation
Voltage
Vout(sat)
Vdrive+Vsink
Vcc=5V, Io=200mA
V
FG Saturation
Voltage
Vfg(sat) Vcc=5V, If=5mA
B > Bop
V
Output Leakage
Current
Ileakage Vcc=5V, B < Brp
<
uA
Supply Current
Isupply Vcc=5V, Io=200mA
FG “ON”
mA
Characteristics
Symbol
Quantity
Ta= -20˚C to +80˚C
Min
Typ.
Max
Unit
Operate Point
Bop
Grade A
Grade B
35
70
50
100 Gauss
Release Point
Brp
Grade A
Grade B
-70
-35
-100
-50
Gauss
Hysteresis Window
Bop-Brp
70
150
Gauss


Similar Part No. - WSH42FB-XPC1

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH420 WINSON-WSH420 Datasheet
118Kb / 6P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
WSH420-XPAN1 WINSON-WSH420-XPAN1 Datasheet
118Kb / 6P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
WSH420-XPAN2 WINSON-WSH420-XPAN2 Datasheet
118Kb / 6P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
WSH420-XPAN3 WINSON-WSH420-XPAN3 Datasheet
118Kb / 6P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
More results

Similar Description - WSH42FB-XPC1

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH420 WINSON-WSH420 Datasheet
118Kb / 6P
   Single Coil Hall Effect IC with Thermal Lock Protection and Auto-Restart
WSH411 WINSON-WSH411 Datasheet
192Kb / 11P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH412 WINSON-WSH412_15 Datasheet
218Kb / 8P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH413 WINSON-WSH413_15 Datasheet
212Kb / 7P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH412 WINSON-WSH412 Datasheet
202Kb / 8P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto-restart Function
WSH413 WINSON-WSH413 Datasheet
157Kb / 7P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH277 WINSON-WSH277 Datasheet
105Kb / 5P
   Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function
WSH416 WINSON-WSH416 Datasheet
181Kb / 4P
   Hall Effect Sensor IC with Thermal Protection and Auto Restart Function
WSH41S WINSON-WSH41S Datasheet
274Kb / 8P
   Hall Effect Sensor IC with Thermal Lock Protection ,Auto Restart and Speed Control Function
WSH610 WINSON-WSH610 Datasheet
166Kb / 8P
   Hall Effect IC with Two-Step Lock Protection and Auto-Restart Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com