Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH135-XPAN Datasheet(PDF) 1 Page - Winson Semiconductor Corp.

Part # WSH135-XPAN
Description  Linear Hall Effect Sensor IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH135-XPAN Datasheet(HTML) 1 Page - Winson Semiconductor Corp.

  WSH135-XPAN Datasheet HTML 1Page - Winson Semiconductor Corp. WSH135-XPAN Datasheet HTML 2Page - Winson Semiconductor Corp. WSH135-XPAN Datasheet HTML 3Page - Winson Semiconductor Corp. WSH135-XPAN Datasheet HTML 4Page - Winson Semiconductor Corp. WSH135-XPAN Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WSH135
Winson reserves the right to make changes to improve reliability or manufacturability.
Features:
Wide operating range 3.0~12V, -20
~8
Flat Response to 23kHz
Low noise output
Wide sensible magnetic field range on different supplied voltage
±1,500 Guass on 5V supplied voltage
±4,500 Guass on 12V supplied voltage.
Low operating current 3mA
Two package styles TO-92S/SOT-23 available.
Functional Description :
The WSH135 integrates Hall sensing element, linear amplifer, sensitivity
controller and emitter follower output stage.It accurately tracks extremely
small change in magnetic flux density
–generally too small to operate Hall
effect switch.
WSH135 can be applied as current sensor, tooth sensor, proximity
detectors and motion detectors. As sensitive monitor of magnetic flux, it can
effectively measure a system
’s performance with negligible system loading
while providing isolation from contaminated and electrically noisy
environments.
©Winson, 2006/2/21


Similar Part No. - WSH135-XPAN

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH135 WINSON-WSH135 Datasheet
232Kb / 4P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH135 DIWELL-WSH135 Datasheet
400Kb / 4P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH135 WINSON-WSH135_15 Datasheet
232Kb / 4P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
More results

Similar Description - WSH135-XPAN

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com