Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V4222C-40RA Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM51V4222C-40RA
Description  262,263-Word4-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V4222C-40RA Datasheet(HTML) 3 Page - OKI electronic componets

  MSM51V4222C-40RA Datasheet HTML 1Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 2Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 3Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 4Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 5Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 6Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 7Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 8Page - OKI electronic componets MSM51V4222C-40RA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FEDS51V4222C-03
1Semiconductor
MSM51V4222C
3/16
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
SWCK
Serial Write Clock
SRCK
Serial Read Clock
WE
Write Enable
RE
Read Enable
RSTW
Write Reset Clock
RSTR
Read Reset Clock
D
IN0 to 3
Data Input
D
OUT0 to 3
Data Output
V
CC
Power Supply (3.3 V)
V
SS
Ground (0 V)
NC
No Connection
20-Pin Plastic ZIP
NO LEAD
3
4
5
9
10
11
12
13
SWCK
NC
NC
24
23
22
18
17
16
15
14
RSTR
SRCK
NC
NC
2
RSTW
25 RE
1
WE
26
26/20-Pin Plastic SOJ
19
1
3
5
7
9
11
13
15
17
SRCK
RE
WE
SWCK
NC
NC
2
4
6
8
12
14
16
18
20
RSTR
RSTW
NC
16-Pin Plastic DIP
1
WE
2
RSTW
3
SWCK
4
D
IN0
5
6
7
8
V
SS
16
15 RE
14 RSTR
13 SRCK
12 D
OUT0
11
10
9
D
IN1
D
IN2
D
IN3
V
CC
D
OUT1
D
OUT2
D
OUT3
D
IN0
D
IN1
D
IN2
D
IN3
V
SS
V
CC
D
OUT0
D
OUT1
D
OUT2
D
OUT3
V
CC
D
IN0
D
IN2
V
SS
D
OUT0
D
OUT2
D
IN1
D
IN3
D
OUT1
D
OUT3


Similar Part No. - MSM51V4222C-40RA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30JA OKI-MSM51V4221C-30JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RA OKI-MSM51V4221C-30RA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RD OKI-MSM51V4221C-30RD Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-40JA OKI-MSM51V4221C-40JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results

Similar Description - MSM51V4222C-40RA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4223C OKI-MSM51V4223C Datasheet
200Kb / 15P
   262,263-Word 횞 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
   262,263-Word x 4-Bit Field Memory
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5424331 OKI-MSM5424331 Datasheet
241Kb / 34P
   222,720-Word 횞 24-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
   (583,680-word 횞 10-bit) FIFO memory
logo
Fujitsu Component Limit...
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com