Electronic Components Datasheet Search |
|
WSH520 Datasheet(PDF) 1 Page - Winson Semiconductor Corp. |
|
WSH520 Datasheet(HTML) 1 Page - Winson Semiconductor Corp. |
1 / 6 page WSH520 Low voltage Single Coil Hall Effect IC with Complementary Output Drivers Features: Operate from 1.8V to 4.5V supply voltage. On-chip Hall sensor. Internal thermal compensation circuit enable operation in a wide range temperature without loss of sensitivity. Output sinking capability up to 200mA for driving large load. Available in rugged low profile SOT-25 packages. General Description: WSH520 is designed to integrate Hall sensor with complementary output drivers on the same chip, it is suitable for single coil DC brushless motors. It includes a temperature compensated circuit, a differential amplifier, a Hysteresis controller, complementary bi-direction drivers for sinking and driving large current load. WSH520 are rated for operation over temperature range from –20˚ C to 75˚C and voltage ranges from 1.8V to 4.5V. Pin Descriptions: (SOT-25) Name P/I/O Pin# Description Vcc P 1 Positive Power Supply Vss P 2 Ground DO O 3 Output Pin #2 DOB O 4 Output Pin #1 Absolute Maximum Rating (at Ta=25˚ C) Supply Voltage Vcc -------------------------- 5V Magnetic flux density B -------------------------- Unlimited Output ON Current (continuous) Ic -------------------------- 220mA Operating Temperature Range Ta -------------------------- (-20˚C to +75˚C) Storage Temperature Range Ts -------------------------- (-65˚C to +150˚C) Package Power Dissipation Pd -------------------------- 350mw for SOT-25 Winson reserves the right to make changes to improve reliability or manufacturability. ©Winson, April.2003 |
Similar Part No. - WSH520 |
|
Similar Description - WSH520 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |