Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V17800F-60JS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM51V17800F-60JS
Description  2,097,152-Word8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V17800F-60JS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM51V17800F-60JS Datasheet HTML 1Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 2Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 3Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 4Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 5Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 6Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 7Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 8Page - OKI electronic componets MSM51V17800F-60JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FEDD51V17800F-01
1Semiconductor
MSM51V17800F
5/15
DC CHARACTERISTICS
(VCC = 3.3V ± 0.3V, Ta = 0 to 70°C)
MSM51V17800
F-50
MSM51V17800
F-60
MSM51V17800
F-70
Parameter
Symbol
Condition
Min.
Max.
Min.
Max.
Min.
Max.
Unit Note
Output High Voltage
VOH
IOH = −2.0mA
2.4
VCC
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 2.0mA
0
0.4
0
0.4
0
0.4
V
Input Leakage
Current
ILI
0V
≤ VI ≤ VCC + 0.3V;
All other pins not
under test = 0V
− 10
10
− 10
10
− 10
10
µA
Output Leakage
Current
ILO
DQ disable
0V
≤ VO ≤ VCC
− 10
10
− 10
10
− 10
10
µA
Average Power
Supply Current
(Operating)
ICC1
RAS, CAS cycling,
tRC = Min.
100
90
80
mA
1,2
RAS, CAS = V
IH
2
2
2mA
Power Supply
Current
(Standby)
ICC2
RAS, CAS
≥ VCC − 0.2V
0.5
0.5
0.5
µA
1
Average Power
Supply Current
(
RAS-only Refresh)
ICC3
RAS cycling,
CAS = V
IH,
tRC = Min.
100
90
80
mA
1,2
Power Supply
Current
(Standby)
ICC5
RAS = V
IH,
CAS = V
IL,
DQ = enable
5
5
5mA
1
Average Power
Supply Current
(
CAS before RAS
Refresh)
ICC6
RAS = cycling,
CAS before RAS
100
90
80
mA
1,2
Average Power
Supply Current
(Fast Page Mode)
ICC7
RAS = V
IL,
CAS cycling,
tPC = Min.
75
70
65
mA
1,3
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while
RAS = VIL.
3. The address can be changed once or less while
CAS = VIH.


Similar Part No. - MSM51V17800F-60JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800DSL OKI-MSM51V17800DSL Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V17800F-60JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17805F OKI-MSM51V17805F Datasheet
234Kb / 17P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805F OKI-MSM5117805F Datasheet
219Kb / 16P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16800D OKI-MSM51V16800D Datasheet
458Kb / 17P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800C OKI-MSM5116800C Datasheet
483Kb / 16P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com