Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V16805DSL-70JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM51V16805DSL-70JS
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16805DSL-70JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM51V16805DSL-70JS Datasheet HTML 3Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 4Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 5Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 6Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 7Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 8Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 9Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 10Page - OKI electronic componets MSM51V16805DSL-70JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
¡ Semiconductor
MSM51V16805D/DSL
7/17
AC Characteristics (2/2)
MSM51V16805
D/DSL-60
MSM51V16805
D/DSL-70
MSM51V16805
D/DSL-50
Write Command Pulse Width
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Data-in Set-up Time
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
OE Command Hold Time
OE to Data-in Delay Time
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
Write Command Set-up Time
tWP
tCWL
tRWL
tDS
tCWD
tRWD
tAWD
tCHR
tRPC
tDH
tWCH
tOEH
tOED
tWCS
Min.
Max.
Parameter
Symbol
Unit Note
Min.
Max.
Min.
Max.
RAS to CAS Set-up Time (CAS before RAS)tCSR
WE to RAS Precharge Time (CAS before RAS) tWRP
WE Hold Time from RAS (CAS before RAS)tWRH
RAS to WE Set-up Time (Test Mode)
tWTS
CAS Precharge WE Delay Time
tCPWD
RAS to WE Hold Time (Test Mode)
tWTH
11
10
10
10
11
10
10
10
10
10
10
10
10
10
0
34
79
49
5
10
5
10
10
10
15
0
54
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
10
10
10
10
7
7
7
0
30
67
42
5
10
5
7
7
7
13
0
47
10
10
10
10
10
13
13
0
44
94
59
5
10
5
13
13
13
20
0
64
RAS Pulse Width
tRASS
14
100
ms
100
100
(CAS before RAS Self-Refresh)
RAS Precharge Time
tRPS
14
110
ns
90
130
(CAS before RAS Self-Refresh)
CAS Hold Time
tCHS
14
–50
ns
–50
–50
(CAS before RAS Self-Refresh)
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to RAS
tRCS
tRCH
tRRH
9
9
ns
ns
ns
0
0
0
0
0
0
0
0
0
WE Pulse Width (DQ Disable)
tWPE
10
ns
7
10
OE Command Hold Time
tOCH
10
ns
7
10
OE Precharge Time
tOEP
10
ns
7
10


Similar Part No. - MSM51V16805DSL-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805BSL OKI-MSM51V16805BSL Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM51V16805DSL-70JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805A OKI-MSM51V16805A Datasheet
581Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16805B OKI-MSM51V16805B Datasheet
96Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805A OKI-MSM51V17805A Datasheet
587Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805B OKI-MSM5117805B Datasheet
98Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805A OKI-MSM5117805A Datasheet
611Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117805C OKI-MSM5117805C Datasheet
663Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116805A OKI-MSM5116805A Datasheet
580Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805B OKI-MSM51V17805B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17805D OKI-MSM51V17805D Datasheet
403Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com