Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INF8574 Datasheet(PDF) 9 Page - Integral Corp.

Part # INF8574
Description  silicon CMOS circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

INF8574 Datasheet(HTML) 9 Page - Integral Corp.

Back Button INF8574 Datasheet HTML 2Page - Integral Corp. INF8574 Datasheet HTML 3Page - Integral Corp. INF8574 Datasheet HTML 4Page - Integral Corp. INF8574 Datasheet HTML 5Page - Integral Corp. INF8574 Datasheet HTML 6Page - Integral Corp. INF8574 Datasheet HTML 7Page - Integral Corp. INF8574 Datasheet HTML 8Page - Integral Corp. INF8574 Datasheet HTML 9Page - Integral Corp. INF8574 Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
INF8574
9
LIMITING VALUES
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
-0.5
+7.0
V
VI
input voltage
VSS - 0.5
VDD + 0.5
V
II
DC input current
-
±20
mA
IO
DC output current
-
±25
mA
IDD
supply current
-
±100
mA
ISS
supply current
-
±100
mA
Ptot
total power dissipation
-
400
mW
PO
power dissipation per output
-
100
mW
Tstg
storage temperature
65
+150
oC
Tamb
operating ambient temperature
40
+85
oC
DC CHARACTERISTICS VDD = 2.5 to 6 V; VSS = 0 V; Tamb =40 to +85
oC; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.5
6.0
V
IDD
supply current
operating mode; VDD = 6 V;
no load; VI = VDD or VSS
;
fSCL = 100 kHz
40
100
µA
Istb
standby current
standby mode; VDD = 6 V;
no load; VI = VDD or VSS
2.5
10
µA
VPOR
power-on reset voltage
VDD = 6 V; no load;
VI = VDD or VSS; note 1
1.3
2.4
V
Input SCL; input/output SDA
VIL
LOW level input voltage
-0.5
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
VDD + 0.5
V
IOL
LOW level output current
VOL = 0.4 V
3
mA
|IL|
leakage current
VI = VDD or VSS
1
µA
CI
input capacitance
VI = VSS
7
pF
I/O Ports
VIL
LOW level input voltage
-0.5
+0.3VDD
V
VIH
HIGH level input voltage
-0.7VDD
VDD + 0.5
V
IIHL(max)
maximum allowed input
current through protection
diode
VI ≥VDD or VI≤ VSS
±400
µA
IOL
LOW level output current
VOL = 1 V; VDD = 5 V
10
25
mA
IOH
HIGH level output current
VOH = VSS
30
300
µA
IOHt
transient pull-up current
HIGH during acknowledge
(see Fig.14); VOH = VSS
;
VDD = 2.5 V
1
mA
CI
input capacitance
10
pF
CO
output capacitance
10
pF
Port timing CL ≤100 pF
tpv
output data valid
4
µs
tsu
input data set-up time
0
µs
th
input data hold time
4
µs
Interrupt INT
IOL
LOW level output current
VOL = 0.4 V
1.6
mA
|IL|
leakage current
VI = VDD or VSS
1
µA
Timing; CL ≤100 pF
tiv
input data valid time
4
µs
tir
reset delay time
4
µs
Select inputs A0 to A2
VIL
LOW level input voltage
-0.5
+0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
VDD + 0.5
V
|ILI|
input leakage current
pin at VDD or VSS
250
nA
Note
1.
The power-on reset circuit resets the I
2C-bus logic with V
DD < VPOR and sets all Ports to logic 1 (with cur-
rent source to VDD)
.


Similar Part No. - INF8574

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
INF8574 IKSEMICON-INF8574 Datasheet
384Kb / 11P
   Compatible with most microcontrollers
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
More results

Similar Description - INF8574

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKF8574 KODENSHI-KKF8574 Datasheet
423Kb / 11P
   silicon CMOS circuit.
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC126P TOSHIBA-TC74AC126P Datasheet
278Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC55V16100FT-10 TOSHIBA-TC55V16100FT-10 Datasheet
427Kb / 8P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON CMOS
TC74AC32FT TOSHIBA-TC74AC32FT Datasheet
253Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC9321F-009 TOSHIBA-TC9321F-009 Datasheet
231Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
List of Unclassifed Man...
TC40102BP ETC1-TC40102BP Datasheet
423Kb / 9P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P Datasheet
261Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
KEC(Korea Electronics)
KIC7S14FU KEC-KIC7S14FU_15 Datasheet
37Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7WH74FU TOSHIBA-TC7WH74FU_01 Datasheet
246Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com