Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V16800DSL-50JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM51V16800DSL-50JS
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16800DSL-50JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V16800DSL-50JS Datasheet HTML 1Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 2Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 3Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 4Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 5Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 6Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 7Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 8Page - OKI electronic componets MSM51V16800DSL-50JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
MSM51V16800D/DSL
1/17
DESCRIPTION
The MSM51V16800D/DSL is a 2,097,152-word ¥ 8-bit dynamic RAM fabricated in Oki's silicon-gate
CMOS technology. The MSM51V16800D/DSL achieves high integration, high-speed operation,
andlow-powerconsumptionbecauseOkimanufacturesthedeviceinaquadruple-layerpolysilicon/
double-layer metal CMOS process. The MSM51V16800D/DSL is available in a 28-pin plastic SOJ or
28-pin plastic TSOP. The MSM51V16800DSL (the self-refresh version) is specially designed for
lower-power applications.
FEATURES
• 2,097,152-word ¥ 8-bit configuration
• Single 3.3 V power supply,
±0.3 V tolerance
• Input
: LVTTL compatible, low input capacitance
• Output : LVTTL compatible, 3-state
• Refresh : 4096 cycles/64 ms, 4096 cycles/128 ms (SL version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Multi-bit test mode capability
• Package options:
28-pin 400 mil plastic SOJ
(SOJ28-P-400-1.27)
(Product : MSM51V16800D/DSL-xxJS)
28-pin 400 mil plastic TSOP
(TSOPII28-P-400-1.27-K) (Product : MSM51V16800D/DSL-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM51V16800D/DSL
2,097,152-Word
¥ 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800D/DSL-70 70 ns
130 ns
90 ns
234 mW
270 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM51V16800D/DSL-50
tRAC
50 ns
35 ns
tAA
25 ns
20 ns
tCAC
13 ns
20 ns
tOEA
13 ns
MSM51V16800D/DSL-60 60 ns
110 ns
252 mW
30 ns
15 ns
15 ns
Operating (Max.)
1.8 mW/
0.72 mW (SL version)
E2G0126-17-61
This version: Mar. 1998


Similar Part No. - MSM51V16800DSL-50JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800BSL OKI-MSM51V16800BSL Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16800DSL-50JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800C OKI-MSM5116800C Datasheet
483Kb / 16P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100 OKI-MSM512100 Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com