Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INF8582E Datasheet(PDF) 4 Page - Integral Corp.

Part # INF8582E
Description  256 奎 8 BIT STATIC CMOS EEPROM WITH I2鬼-BUS. ( ANALOG - MICROCIRCUIT PCF8582?, F.PHILIPS).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

INF8582E Datasheet(HTML) 4 Page - Integral Corp.

  INF8582E Datasheet HTML 1Page - Integral Corp. INF8582E Datasheet HTML 2Page - Integral Corp. INF8582E Datasheet HTML 3Page - Integral Corp. INF8582E Datasheet HTML 4Page - Integral Corp. INF8582E Datasheet HTML 5Page - Integral Corp. INF8582E Datasheet HTML 6Page - Integral Corp. INF8582E Datasheet HTML 7Page - Integral Corp. INF8582E Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
INF8582E
4
The following modes of I2С-bus are defined:
- bus is free (not engaged) - both lines are in "high" mode;
- transmission start (condition "Start") - passing of the line SDA from "high" level to
"low" when SCL is in "high" mode;
- data transmission;
- end of transmission (condition "Stop") - passing of the line SDA from "low" level to
"high" while the line SCL is in "high" mode.
The data transmission can start only when the bus is free. During the data transmission
the data line must be stable all the time while clock line is “high”. The SDA line mode can
change only when the clock signals line SCL is in “low” mode. One clock signal falls at one data
bit. The change in SDA line mode when Clock line is “high” will be interpreted as check signals:
“Start” or “Stop”.
Each transmission of data starts with the condition “Start” and is finished with the condition
“Stop”. The information is always transmitted in bytes. The number of data bytes transmitted be-
tween the conditions “Start” and “Stop” is limited in “Erasure/recording” mode and not limited in
“Reading” mode. Each word of 8 bits (each byte) is accompanied by the 9th test bit, acknowl-
edgment bit. This bit is always generated on SDA line by the device which received the previous
data byte (i.e. “receiver”). The device acknowledging the receipt of the data (if it meets the re-
quirements), rarefies the SDA line so that this line is constantly “low” during all period of “high”
level of clock acknowledgment pulse (9th bit) on SCL line. The device transmitting the data dur-
ing acknowledgment forming must take the mode with high output resistance. If the received
data byte does not comply with the requirements, the receiving device does not generate the
acknowledgment which indicates to the error in exchange protocol on I2С-bus.
All devices connected to I2С-bus may be devided in two groups: «main» devices which
control the data transmission along the bus (microcontrollers, microprocessors), and «subordi-
nate» devices, which are controlled by «main» devices (service and peripheric devices). In their
turn the both groupsof devices may be as «receivers» (devices receiving the data at that mo-
ment) and «transmitters» (devices transmitting the data the bus). The designed microcircuit
INF8582E may be only «subordinate receiver» or «subordinate transmitter».The time diagram of
I2С-bus is showed in fig.3. Signal parameters of I2С-bus time diagram are given in table 2.
I2С-bus time diagram
Fig. 3
SDA
SCL
SDA
tBUF
tHD, STA
tR
1
tLOW
tF
THD.DAT
8
9
TSU.STA
TSU.STO
THD.ACK
TSU.ACK
tHIGH
TSU.DAT


Similar Part No. - INF8582E

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF85116 INTEGRAL-INF85116 Datasheet
158Kb / 4P
   2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface
INF85116N INTEGRAL-INF85116N Datasheet
158Kb / 4P
   2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface
INF8574 INTEGRAL-INF8574 Datasheet
254Kb / 10P
   silicon CMOS circuit
logo
IK Semicon Co., Ltd
INF8574 IKSEMICON-INF8574 Datasheet
384Kb / 11P
   Compatible with most microcontrollers
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
More results

Similar Description - INF8582E

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF85116 INTEGRAL-INF85116 Datasheet
158Kb / 4P
   2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Fairchild Semiconductor
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C06 FAIRCHILD-NM93C06 Datasheet
107Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Rohm
BR24AXXX-WM ROHM-BR24AXXX-WM Datasheet
755Kb / 32P
   Operation I2 C BUS EEPROM
logo
Panasonic Semiconductor
MN1203 PANASONIC-MN1203 Datasheet
229Kb / 4P
   256-bit CMOS static RAM
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com