Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54C864-10ZS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM54C864-10ZS
Description  65,536-Word X 8-Bit Multiport DRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54C864-10ZS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM54C864-10ZS Datasheet HTML 1Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 2Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 3Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 4Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 5Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 6Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 7Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 8Page - OKI electronic componets MSM54C864-10ZS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
¡ Semiconductor
MSM54C864
5/33
DC Characteristics 2
-70
-80
-10
Unit Note
Symbol
Item (RAM)
SAM
Max. Max. Max.
85
75
65
mA
1, 2
ICC1
Operating Current
Standby
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
Active
888
Standby Current
50
45
40
1, 2
(RAS, CAS = VIH)
85
75
65
1, 2
RAS Only Refresh Current
120
110
100
1, 2
(RAS Cycling, CAS = VIH, tRC = tRC min.)
70
65
60
1, 2
Page Mode Current
120
110
100
1, 2
(RAS = VIL, CAS Cycling, tPC = tPC min.)
85
75
65
1, 2
CAS before RAS Refresh Current
120
110
100
1, 2
(RAS Cycling, CAS before RAS, tRC = tRC min.)
85
75
65
1, 2
Data Transfer Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
ICC1A
ICC2
ICC2A
ICC3
ICC3A
ICC4
ICC4A
ICC5
ICC5A
ICC6
ICC6A
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
3


Similar Part No. - MSM54C864-10ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54C865 OKI-MSM54C865 Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C865-10 OKI-MSM54C865-10 Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C865-10JS OKI-MSM54C865-10JS Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C865-10ZS OKI-MSM54C865-10ZS Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C865-70 OKI-MSM54C865-70 Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
More results

Similar Description - MSM54C864-10ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54C865 OKI-MSM54C865 Datasheet
466Kb / 44P
   65,536-Word X 8-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM518122 OKI-MSM518122 Datasheet
624Kb / 45P
   131,072-Word x 8-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM518121A OKI-MSM518121A Datasheet
356Kb / 33P
   131,072-Word X 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com