Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54C865-80ZS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM54C865-80ZS
Description  65,536-Word X 8-Bit Multiport DRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54C865-80ZS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM54C865-80ZS Datasheet HTML 3Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 4Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 5Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 6Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 7Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 8Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 9Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 10Page - OKI electronic componets MSM54C865-80ZS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
MSM54C865
¡ Semiconductor
7/44
Parameter
Symbol
Note
Unit
ns
55
45
45
ns
0
0
0
ns
0
0
0
ns
20
0
10
0
10
0
ns
10
10
10
tRWD
tCWD
tDZC
tDZO
tCSR
tREF
tWSR
Max.
Min.
Max.
Min.
Max.
Min.
-10
-80
-70
ns
130
100
100
ms
4
4
4
0
0
0
tAWD
ns
80
65
65
ns
25
20
20
tOEA
ns
20
10
10
ns
10
10
10
tCHR
ns
0
0
0
tRPC
tOEZ
tOEH
ns
15
15
15
tROH
tRWH
15
15
15
tMS
0
0
0
tMH
15
15
15
tTHS
0
0
0
tTHH
15
15
15
tTLS
0
0
0
tTLH
15
15
15
12
12
ns
ns
ns
ns
ns
ns
ns
ns
10k
10k
10k
tRTH
80
65
60
ns
10k
10k
10k
tATH
30
30
25
ns
tCTH
25
25
20
ns
tESR
tREH
ns
0
0
0
15
15
15
ns
12
Column Address to WE Delay Time
CAS Hold Time for CAS before RAS Cycle
CAS Set-up Time for CAS before RAS Cycle
CAS to WE Delay Time
Data to CAS Delay Time
Data to OE Delay Time
SE Set-up Time referenced to RAS
Write Per Bit Mask Data Hold Time
Write Per Bit Mask Data Set-up Time
OE Command Hold Time
Refresh Period
SE Hold Time referenced to RAS
RAS Hold Time referenced to OE
RAS Precharge to CAS Active Time
RAS to WE Delay Time
WB Hold Time
Access Time from OE
WB Set-up Time
Output Buffer Turn-off Delay from OE
DT Low Hold Time referenced to Column Address
(Real Time Read Transfer)
DT Low Hold Time referenced to CAS
(Real Time Read Transfer)
DT High Hold Time
DT High Set-up Time
DT Low Hold Time
DT Low Set-up Time
DT Low Hold Time referenced to RAS
(Real Time Read Transfer)
ns
0
0
0
tDS
ns
70
55
55
tDHR
ns
15
15
15
tDH
11
11
Data Hold Time
Data Hold Time referenced to RAS
Data Set-up Time
tWCS
0
0
0ns
Write Command Set-up Time
12
ns
20
10
10
tOED
OE to Data Delay Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 4, 5, 6
9
7
tFSR
0
0
0
ns
DSF Set-up Time referenced to RAS
tRFH
15
15
15
ns
DSF Hold Time referenced to RAS (1)
tFHR
70
55
55
ns
DSF Hold Time referenced to RAS (2)
tFSC
0
0
0
ns
DSF Set-up Time referenced to CAS
tCFH
15
15
15
ns
DSF Hold Time referenced to CAS
AC Characteristics (2/3)


Similar Part No. - MSM54C865-80ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54C864 OKI-MSM54C864 Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C864-10 OKI-MSM54C864-10 Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C864-10JS OKI-MSM54C864-10JS Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C864-10ZS OKI-MSM54C864-10ZS Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
MSM54C864-70 OKI-MSM54C864-70 Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
More results

Similar Description - MSM54C865-80ZS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54C864 OKI-MSM54C864 Datasheet
357Kb / 33P
   65,536-Word X 8-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM518122 OKI-MSM518122 Datasheet
624Kb / 45P
   131,072-Word x 8-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM518121A OKI-MSM518121A Datasheet
356Kb / 33P
   131,072-Word X 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com