Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V16800DSL-60TS-K Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM51V16800DSL-60TS-K
Description  2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16800DSL-60TS-K Datasheet(HTML) 5 Page - OKI electronic componets

  MSM51V16800DSL-60TS-K Datasheet HTML 1Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 2Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 3Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 4Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 5Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 6Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 7Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 8Page - OKI electronic componets MSM51V16800DSL-60TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
¡ Semiconductor
MSM51V16800D/DSL
5/17
DC Characteristics
Parameter
Symbol
Condition
MSM51V16800
D/DSL-50
MSM51V16800
D/DSL-60
MSM51V16800
D/DSL-70
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
IOH = –2.0 mA
Output High Voltage
IOL = 2.0 mA
Output Low Voltage
0 V £ VI £ VCC + 0.3 V;
All other pins not
Input Leakage Current
under test = 0 V
DQ disable
Output Leakage Current
0 V £ VO £ VCC
RAS, CAS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS = VIH
Power Supply
RAS, CAS
Current (Standby)
RAS cycling,
Average Power
CAS = VIH,
Supply Current
tRC = Min.
(RAS-only Refresh)
RAS = VIH,
Power Supply
CAS = VIL,
Current (Standby)
DQ = enable
Average Power
CAS before RAS
Supply Current
(CAS before RAS Refresh)
Average Power
RAS £ 0.2 V,
Supply Current
CAS £ 0.2 V
(CAS before RAS
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICCS
≥ VCC –0.2 V
Min.
Max.
Min.
Max.
Min.
Max.
Unit Note
RAS cycling,
2.4
0
–10
–10
VCC
0.4
10
10
75
2
0.5
75
75
300
5
2.4
0
–10
–10
VCC
0.4
10
10
70
2
0.5
70
70
300
5
2.4
0
–10
–10
VCC
0.4
10
10
65
2
0.5
65
65
300
5
200
200
200
V
V
mA
mA
mA
mA
mA
mA
mA
mA
1, 2
1, 2
1, 2
1, 5
1
1
mA
1, 5
tRC = 31.3 ms,
Average Power
CAS before RAS,
Supply Current
tRAS £ 1 ms
(Battery Backup)
ICC10
400
400
400
mA
1, 4,
RAS = VIL,
Average Power
CAS cycling,
Supply Current
tPC = Min.
(Fast Page Mode)
ICC7
70
65
60
mA
1, 3
5
Self-Refresh)
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.
4. VCC – 0.2 V £ VIH £ VCC + 0.3 V, –0.3 V £ VIL £ 0.2 V.
5. SL version.


Similar Part No. - MSM51V16800DSL-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800BSL OKI-MSM51V16800BSL Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16800DSL-60TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116800A OKI-MSM5116800A Datasheet
591Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800D OKI-MSM5117800D Datasheet
163Kb / 14P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800D OKI-MSM51V17800D Datasheet
473Kb / 17P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800F OKI-MSM5117800F Datasheet
207Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117800C OKI-MSM5117800C Datasheet
462Kb / 16P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16800B OKI-MSM51V16800B Datasheet
95Kb / 8P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116800C OKI-MSM5116800C Datasheet
483Kb / 16P
   2,097,152-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512100 OKI-MSM512100 Datasheet
251Kb / 16P
   2,097,152-Word X 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17800F OKI-MSM51V17800F Datasheet
213Kb / 15P
   2,097,152-Word 횞 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117805D OKI-MSM5117805D Datasheet
171Kb / 15P
   2,097,152-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com