Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ1229M Datasheet(PDF) 1 Page - Integral Corp.

Part # IZ1229M
Description  10-DIGITS CALCULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1229M Datasheet(HTML) 1 Page - Integral Corp.

  IZ1229M Datasheet HTML 1Page - Integral Corp. IZ1229M Datasheet HTML 2Page - Integral Corp. IZ1229M Datasheet HTML 3Page - Integral Corp. IZ1229M Datasheet HTML 4Page - Integral Corp. IZ1229M Datasheet HTML 5Page - Integral Corp. IZ1229M Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IZ1229M
1
10-DIGITS CALCULATOR
The IZ1229M is a single chip CMOS LSI with 10-digit arithmetic operation, single memory,
extraction-of-square-root, percentage calculation, auto power off and punctuation and touch tone
function, designed for FEM LCD operation with a 1.5V power supply.
FUNCTIONS
• Four standard functions (+, -, ×, ÷ )
• Square and reciprocal calculations
• Extraction of square root
• Auto constant calculations (constant:
multiplicand, divisor,
addend and subtrahend)
• Mark-up and mark-down calculations
• Percentage calculations
• Chain multiplication and division
• Power calculations
• Rough estimate calculations
• Punctuation comma and touch tone mark display
• Clear key: ON/C, CE
• Touch tone function
FEATURES
• Single chip CMOS construction
• Floating decimal point
• LCD direct drive
• Overflow indication: “E”
• On chip oscillator components
• Auto Power off
• Accumulating memory: M+, M-, MR,
MC, MRC
• Bare chip is available
Mirror type
LCD CONNECTION


Similar Part No. - IZ1229M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Similar Description - IZ1229M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
   10/12 digit calculator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com