Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54V32126A-50GS-K Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM54V32126A-50GS-K
Description  131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V32126A-50GS-K Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM54V32126A-50GS-K Datasheet HTML 3Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 4Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 5Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 6Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 7Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 8Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 9Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 10Page - OKI electronic componets MSM54V32126A-50GS-K Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/26
¡ Semiconductor
MSM54V32126A
AC Characteristics (2/2)
Parameter
Symbol
Note
Unit
tDS
tRWD
tCWD
tDZC
tDZO
tCSR
tREF
tRASS
Max.
Min.
Max.
Min.
MSM54V32126A
-60
MSM54V32126A
-50
tDHR
tAWD
tOEA
tCHR
tRPC
tOEZ
tOEH
tROH
tRPS
tCHS
tDH
Column Address to WE Delay Time
CAS Hold Time for CAS before RAS Cycle
CAS Set-up Time for CAS before RAS Cycle
CAS to WE Delay Time
Data Hold Time
Data Hold Time referenced to RAS
Data Set-up Time
Data to CAS Delay Time
Data to OE Delay Time
CAS Hold Time (CAS before RAS Self-Refresh)
OE Command Hold Time
Refresh Period
RAS Hold Time referenced to OE
RAS Precharge to CAS Active Time
RAS to WE Delay Time
RAS Precharge Time
(CAS before RAS Self-Refresh)
Access Time from OE
RAS Pulse Width (CAS before RAS Self-Refresh)
Output Buffer Turn-off Delay Time from OE
ns
0
0
ns
40
35
ns
0
0
ns
0
0
ns
20
3
20
3
ns
10
8
ns
80
70
ms
8
8
100
100
ns
40
35
ns
50
45
ns
18
15
ns
10
9
ns
10
8
ns
10
10
ns
12
10
130
110
0
0
8
8
ms
ns
ns
ns
10
8
7, 12
7, 12
8
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
——
tWCR
tWP
tRWL
tCWL
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Write Command Hold Time referenced to RAS
Write Command Pulse Width
40
35
10
9
10
9
10
9
ns
ns
ns
ns
tWEZ
Output Buffer Turn-off Delay Time from WE
3
3ns
20
20
5
5
tOCH
OE "L" to CAS "H" Lead Time
ns
10
10
tCHO
CAS "H" to OE "L" Lead Time
ns
10
10
tOEP
OE Precharge Time
ns
12
10
tOED
OE to Data-in Delay Time
ns
12
12
tCPT
CAS Precharge Time (Refresh Counter Test)
ns
30
25
MSM54V32126A
-45
Max.
Min.
0
32
0
0
20
3
6
65
8
100
30
42
13
8
6
10
10
100
0
7—
30
8
8
8
320
10
10
10
12
20
tWPE
WE Pulse Width (Output Disable)
ns
12
10
10
14
15
12
13
12
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C) Note 1, 2, 3


Similar Part No. - MSM54V32126A-50GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM54V32126A-50GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com