Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM54V32126A-45TS-K Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM54V32126A-45TS-K
Description  131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V32126A-45TS-K Datasheet(HTML) 2 Page - OKI electronic componets

  MSM54V32126A-45TS-K Datasheet HTML 1Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 2Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 3Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 4Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 5Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 6Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 7Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 8Page - OKI electronic componets MSM54V32126A-45TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
¡ Semiconductor
MSM54V32126A
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
A0 - A8
Address Input
Power Supply (3.3 V)
Ground (0 V)
NC
No Connection
VCC
VSS
DQ0 - DQ31
Data Input / Data Output
RAS
Row Address Strobe
CAS1 - CAS4
Column Address Strobe
Write Enable
WE
OE
Output Enable
Note:
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
64-Pin Plastic SSOP
70/64-Pin Plastic TSOP (
II)
(K Type)
DQ28
DQ29
DQ27
VCC
DQ26
DQ24
DQ25
DQ23
VSS
DQ22
DQ20
DQ21
DQ19
VCC
DQ18
DQ16
DQ17
VSS
NC
DQ14
DQ15
NC
VCC
DQ12
DQ10
DQ11
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
DQ13
VSS
DQ30
VCC
VSS
DQ8
DQ9
DQ31
DQ0
A2
A3
VCC
CAS1
CAS2
CAS3
CAS4
OE
A8
A7
A6
A5
A4
VSS
VSS
NC
WE
A1
A0
NC
RAS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DQ28
DQ29
DQ27
VCC
DQ26
DQ24
DQ25
DQ23
VSS
DQ22
DQ20
DQ21
DQ19
VCC
DQ18
DQ16
DQ17
VSS
NC
DQ14
DQ15
NC
VCC
DQ12
DQ10
DQ11
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
DQ13
VSS
DQ30
VCC
VSS
DQ8
DQ9
DQ31
DQ0
A2
A3
VCC
CAS1
CAS2
CAS3
CAS4
OE
A8
A7
A6
A5
A4
VSS
VSS
NC
WE
A1
A0
NC
RAS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36




Similar Part No. - MSM54V32126A-45TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM54V32126A-45TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416126A OKI-MSM5416126A Datasheet
335Kb / 23P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM518128 OKI-MSM518128 Datasheet
217Kb / 15P
   131,072-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com