Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6234RS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6234RS
Description  DTMF Tone Dialer LSI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6234RS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6234RS Datasheet HTML 1Page - OKI electronic componets MSM6234RS Datasheet HTML 2Page - OKI electronic componets MSM6234RS Datasheet HTML 3Page - OKI electronic componets MSM6234RS Datasheet HTML 4Page - OKI electronic componets MSM6234RS Datasheet HTML 5Page - OKI electronic componets MSM6234RS Datasheet HTML 6Page - OKI electronic componets MSM6234RS Datasheet HTML 7Page - OKI electronic componets MSM6234RS Datasheet HTML 8Page - OKI electronic componets MSM6234RS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
¡ Semiconductor
MSM6234
5/12
R1, R2, R3, R4, C1, C2, C3, C4
These are input pins of negative logic to be connected to the keyboard.
The standard 2 of 8 keyboard can be used with MSM6234RS as illustrated below.
R1 to R4 are the input pins of the row side, while C1 to C4 are the input pins of the column side. All
the pins are provided with the pull-up resistor of 20 kW to 150 kW internally.
The dual tone is output from the TONE OUT pin, by setting both of a row input and a column input
to the ground voltage.
The Table 1 (See Note) shows the relation between the nominal frequency and the tone output
frequency, while the Table 2 (See Note) shows the input condition of R1 to R4 pins and C1 to C4 pins.
• Refer to the Table 1 and Table 2
Table-1
R
MSM6234RS
R = 20 kW to 150 kW
VDD
R1
R
R2
R
R3
R
R4
R
C4
R
C3
R
C2
R
C1
A
B
C
D
3
6
9
#
2
5
8
0
1
4
7
*
ROW
COL
VSS
2 of 8 keyboard
Effective Input
Nominal
Frequency
Tone Output
Frequency
Accuracy (%)
Remarks
R1
R2
R3
R4
(ROW)
C1
C2
C3
C4
(COLUMN)
697 Hz
Low Group
High Group
770 Hz
852 Hz
941 Hz
1209 Hz
1336 Hz
1477 Hz
1633 Hz
699.1 Hz
766.2 Hz
847.4 Hz
948.0 Hz
1215.9 Hz
1331.7 Hz
1471.9 Hz
1645.0 Hz
+0.30%
+0.73%
+0.57%
+0.74%
–0.49%
–0.54%
–0.32%
–0.35%


Similar Part No. - MSM6234RS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6222 OKI-MSM6222 Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6222B-XX OKI-MSM6222B-XX Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
More results

Similar Description - MSM6234RS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
LR4089B SHARP-LR4089B Datasheet
320Kb / 6P
   Tone Dialer LSI
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
   Pulse/Tone Dialer LSI
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
Sanyo Semicon Device
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
   DTMF/PULSE Switchable Dialer
LC7368J SANYO-LC7368J Datasheet
257Kb / 13P
   Switchable DTMF/Pulse Dialer
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Sanyo Semicon Device
LC7367J SANYO-LC7367J Datasheet
286Kb / 12P
   DTMF/PULSE Switchable Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com