Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6546L Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6546L
Description  Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6546L Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6546L Datasheet HTML 2Page - OKI electronic componets MSM6546L Datasheet HTML 3Page - OKI electronic componets MSM6546L Datasheet HTML 4Page - OKI electronic componets MSM6546L Datasheet HTML 5Page - OKI electronic componets MSM6546L Datasheet HTML 6Page - OKI electronic componets MSM6546L Datasheet HTML 7Page - OKI electronic componets MSM6546L Datasheet HTML 8Page - OKI electronic componets MSM6546L Datasheet HTML 9Page - OKI electronic componets MSM6546L Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
MSM6546/6546L
¡ Semiconductor
ELECTRICAL CHARACTERISTICS (MSM6546, 1.5 V, BUF = "0")
Parameter
Symbol
Condition
Min.
Applied Pin
Typ. Max. Unit
Power Supply Current
IDD
*1
3—
mA
Oscillation Start Voltage
–VOSC
Within 2 seconds
VSS1
0.9
V
Output Current 1
–IOH1
VO = –0.5 V
150
PORT0 to PORT6*2
SOUT, SCLK
——
mA
IOL1
VO = –1.0 V
150
Output Current 2
–IOH2
VO = –0.5 V
20
BD
——
mA
IOL2
VO = –1.0 V
20
Input Current 1
IIH1
VI = 0 V, in the input state,
with pull-down resistor
7
PORT0 to
PORT6 *2
15
30
mA
Input Leakage Current
ÁIIL Á
VI = 0 V, –1.5 V, in the input state,
without pull-down resistor
PORT0 to PORT7*2
SIN, SOUT, SCLK
—1
mA
Input Current 3
IIH3
VI = 0 V, with pull-down
resistor
70
RESET
TEST1 to TEST3
250
500
mA
Input Voltage
–VIH
All input pins
0.3
V
–VIL
1.2
(VDD = 0 V, VSS1 = –1.5 V (battery voltage) , VSS2 = –3.0 V, VSS3 = –4.5 V, fOSC = 32.768 kHz, CX = 35 pF, Ta = 25°C)
Á–IOH3 Á
VOH = –0.2 V
4
Á–IOMH3 Á
VOMH = VSS1 ±0.2 V
4
Output Current 3
(Common Segment Output)
SEG0 to
SEG53
mA
–IOML3
VOML = VSS2 ±0.2 V
4
–IOL3
VOL = –4.3 V
4
*1 Depends on program. (Values in the above table are applied in the case where the software
duty is about 5%.)
*2 PORT0 = P0.0 to P0.3, PORT1 = P1.0 to P1.3, PORT2 = P2.0 to P2.3, PORT3 = P3.0 to P3.3,
PORT4 = P4.0 to P4.3, PORT5 = P5.0 to P5.3, PORT6 = P6.0 to P6.3, PORT7 = P7.0 to P7.3
Note: The input of the constant voltage circuit is equal to the output of the voltage converter
(VSS2).


Similar Part No. - MSM6546L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6542-01 OKI-MSM6542-01 Datasheet
378Kb / 54P
   REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-02 OKI-MSM6542-02 Datasheet
378Kb / 54P
   REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-03 OKI-MSM6542-03 Datasheet
378Kb / 54P
   REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6544 OKI-MSM6544 Datasheet
108Kb / 12P
   42-DOT LCD DRIVER
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results

Similar Description - MSM6546L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6577-XX OKI-MSM6577-XX Datasheet
177Kb / 22P
   Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
MSM6576 OKI-MSM6576 Datasheet
144Kb / 12P
   Operatable at 0.9 V and 7-level Detector 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
   Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
   Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com