Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6555B-XX Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6555B-XX
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6555B-XX Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6555B-XX Datasheet HTML 3Page - OKI electronic componets MSM6555B-XX Datasheet HTML 4Page - OKI electronic componets MSM6555B-XX Datasheet HTML 5Page - OKI electronic componets MSM6555B-XX Datasheet HTML 6Page - OKI electronic componets MSM6555B-XX Datasheet HTML 7Page - OKI electronic componets MSM6555B-XX Datasheet HTML 8Page - OKI electronic componets MSM6555B-XX Datasheet HTML 9Page - OKI electronic componets MSM6555B-XX Datasheet HTML 10Page - OKI electronic componets MSM6555B-XX Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MSM6555B-xx
¡ Semiconductor
7/27
• 9D/17D (1/9Duty/1/17Duty)
This is a duty setting pin where "H" is defined as 1/9 duty and "L" as 1/17 duty. Select the level
in conformity to the panel used.
In the case of 1/17 duty, the Common outputs C10 to C16 must be kept open.
• 32K/EXT (32K x’tal osc/External clock)
This is an input pin used to set up the type of logic source oscillation.
32K/EXT = "H" : In this setting, 32.768 kHz is used for source oscillation frequency. The
oscillation feedback resistor (approx. 4 MW) is formed in the IC, and the external 32.768 kHz
crystal and oscillating capacitors are connected to the XT and XT, thereby forming the
oscillator circuit. When the source oscillation clock is input from outside, it is put into the XT,
and XT is kept open.
32K/EXT = "L" : This is used to input the source oscillation clock of about n-th power (n=1 to
4) of 2 of 32kHz.
Conforming to the command SF setting, the external source oscillation frequency is divided
into 1/2 to 1/16 in the IC and is used as source oscillation frequency in the IC. The XT is kept
open. Æ See SF command.
• TEST
This is a pin used for test in our company. This pin is kept open for the user.
• XT, XT
These are pins for 32.768 kHz crystal-controlled oscillator circuit formation and external
source oscillation input. XT is kept open, when the souce oscillation clock is input from
outside.
• C1 to C17, S1 to S80 (COMMON 1 to 17, SEGMENT 1 to 80)
These are output pins connected to the LCD panel. Alternation is provided by reserving the
frame. During the 1/9 duty operation, C1 to C9 are used with C10 to C17 kept open.
Æ See "Relation between Display Screen and Common and Segment Outputs".
•VC1, VCC1
These are pins to connect the capacitor to double the battery voltage. They are connected with
the capacitor of 0.1 mF.


Similar Part No. - MSM6555B-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65511 OKI-MSM65511 Datasheet
344Kb / 25P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXGS-2K OKI-MSM65512A-XXXGS-2K Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXJS OKI-MSM65512A-XXXJS Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
More results

Similar Description - MSM6555B-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com