Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6555B Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6555B
Description  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6555B Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6555B Datasheet HTML 6Page - OKI electronic componets MSM6555B Datasheet HTML 7Page - OKI electronic componets MSM6555B Datasheet HTML 8Page - OKI electronic componets MSM6555B Datasheet HTML 9Page - OKI electronic componets MSM6555B Datasheet HTML 10Page - OKI electronic componets MSM6555B Datasheet HTML 11Page - OKI electronic componets MSM6555B Datasheet HTML 12Page - OKI electronic componets MSM6555B Datasheet HTML 13Page - OKI electronic componets MSM6555B Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MSM6555B-xx
¡ Semiconductor
10/27
Command List
Note:
1. Commands number 1 to 8, do not affect pointer address.
2. When commands from 9 to 17 and display code data are input, the pointer address
is automatically incremented by one (1).
X : Don't Care
No. Mnemonic
Operation
Comment
76543210
D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
LPA
1
1
A5
A4
A3
A2
A1
A0
LOT
1011
X
X
I1
I0
SF
1010
X
X
F1
F0
BKCG 1/0
100
X
0
00
1/0
CONT U/D
100
X
0
01
1/0
STOP
100
X
0
100
SOE/D
100
X
0
11
1/0
DISP
100
X
1
00
1/0
AINC
1
0
0
X1X1X
WCHB
0
XXX
0
0
0
X
CCHB
0
XXX
0
0
1
X
WCS
0
XXX
0
1
0
X
CCS
0
XXX
0
1
1
X
WCSB
0
XXX
1
0
0
X
CCSB
0
XXX
1
0
1
X
WCCB
0
XXX
1
1
0
X
CCCB
0
XXX
1
1
1
X
Load Pointer
Address
Load Option
Set Frequency
Bank Change 1/0
Contrast Up/Down
Set Stop Mode
Serial Out
Enable/Disable
Display On/Off
Address Increment
Write Character
Blink
Clear Character
Blink
Write Cursor
Clear Cursor
Write Cursor Blink
Clear Cursor Blink
Write Character Cursor
Blink
Clear Character Cursor
Blink
• Addresses from 0 to 47
• For the functions of I1 and I0, see the
next page.
• Setting the source oscillation frequency
conditions
• Valid only for 1/19 duty
Switching between display addresses 0 to
15, and 16 and 31
• VLCD adjustment, 8 stages
• Released by setting DO = 1
independently of the H/L of the C/D
Oscillation suspension and DISPOFF
instruction
• Switching output and high impedance of
SO
• On when DO = 1, and off when DO = 0
Continued OSC
All COM and SEG are at VDD level when
turned off
• Pointer address is incremented by one
The relative operation with with (I1, I0)
is exceptional.
• Character and arbitrator blinking is
controlled. The arbitrator is based on
the 5-dot unit.
For the arbitrator, blink setting is
accepted even if all 5 dots are displayed
in blinks, but blinking does not occur.
• Cursor on
• Cursor off
• Cursor blinking is controlled. If the
cursor display not specified, blink
setting is accepted, but blinking
does not occur.
• WCHB + WCSB
• CCHB + CCSB


Similar Part No. - MSM6555B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65511 OKI-MSM65511 Datasheet
344Kb / 25P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512 OKI-MSM65512 Datasheet
394Kb / 26P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXGS-2K OKI-MSM65512A-XXXGS-2K Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65512A-XXXJS OKI-MSM65512A-XXXJS Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
More results

Similar Description - MSM6555B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com