Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6577-XX Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6577-XX
Description  Operatable at 0.9V and Built-in LCD Driver 4-Bit Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6577-XX Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6577-XX Datasheet HTML 3Page - OKI electronic componets MSM6577-XX Datasheet HTML 4Page - OKI electronic componets MSM6577-XX Datasheet HTML 5Page - OKI electronic componets MSM6577-XX Datasheet HTML 6Page - OKI electronic componets MSM6577-XX Datasheet HTML 7Page - OKI electronic componets MSM6577-XX Datasheet HTML 8Page - OKI electronic componets MSM6577-XX Datasheet HTML 9Page - OKI electronic componets MSM6577-XX Datasheet HTML 10Page - OKI electronic componets MSM6577-XX Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
MSM6577-xx
¡ Semiconductor
F. RESET pin
VSS
1
VDD
2
CMOS Schmitt trigger buffer
(Internal Logic)
1
2
VSS
"1"...System reset generated by a "H" level
"2"...System reset generated by a "L" level
G. TEST pin
(Internal logic)
VSS
CMOS inverter
VSS
H. Oscillation part (XT, XTB pins)
VEE
ROM Option (normally connected)
Rf
VEE
VDD
CG
VEE
CD
CMOS Inverter
(Internal logic)
Constants
Rf=approximately 20 MW
CD=approximately 20 pF
CG=approximately 5 pF


Similar Part No. - MSM6577-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6575 OKI-MSM6575 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575-XXGS-2K OKI-MSM6575-XXGS-2K Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575-XXGS-K OKI-MSM6575-XXGS-K Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575L OKI-MSM6575L Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6575L-XXGS-2K OKI-MSM6575L-XXGS-2K Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results

Similar Description - MSM6577-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
   Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
   Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM64422 OKI-MSM64422 Datasheet
144Kb / 13P
   Built-in 256/512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com