Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6585 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6585
Description  ADPCM Voice Synthesis IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6585 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6585 Datasheet HTML 1Page - OKI electronic componets MSM6585 Datasheet HTML 2Page - OKI electronic componets MSM6585 Datasheet HTML 3Page - OKI electronic componets MSM6585 Datasheet HTML 4Page - OKI electronic componets MSM6585 Datasheet HTML 5Page - OKI electronic componets MSM6585 Datasheet HTML 6Page - OKI electronic componets MSM6585 Datasheet HTML 7Page - OKI electronic componets MSM6585 Datasheet HTML 8Page - OKI electronic componets MSM6585 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
¡ Semiconductor
4
MSM6585
PIN DESCRIPTION
Symbol Type
Description
S1
I
Pins to determine the sampling frequency.
The sampling frequencies of 32k, 16k, 8k, and 4kHz can be selected by
combinations. (See the sampling frequencies in FUNCTIONAL
DESCRIPTION on the selection of combinations.)
T3
I
Pin to test the internal circuit. Set this pin to a high level or make it open
because it has a built-in pull-up resistor.
D0-D3
I
Input pins for ADPCM data.
T4
O
Pin to test the internal circuit. Make this pin open.
GND
Ground pin
AOUT
O
Pin to output the analog voice from the low-pass filter. Connect a 0.01 mF
capacitor to this pin. (See the AOUT connecting circuit in FUNCTIONAL
DESCRIPTION on the connecting circuit.)
DAO
O
Pin to output the analog voice from the DA converter.
T1
I
Pins to test the internal circuit. Set these pins to a low level or make them
open because pull-down resistors are included.
VCK
O
This pin outputs the sampling frequency selected by the combinations of
S1 and S2.
The voice synthesis starts or stops by synchronizing with VCK.
RESET
I
Reset pin. The voice synthesis circuit is initialized by synchronizing with
VCK. If this pin is set to a high level, the D0 to D3 data inputs are disabled
by synchronizing with VCK. The AOUT and DA0 pins output 1/2 VDD and
become the state of no voice.
XT
I
Pin to connect an oscillator. When the external clock is used, input it
from this pin.
XT
O
Pin to connect an oscillator.
When the external clock is used, make this pin open.
VDD
Power supply pin. Insert a bypass capacitor of 0.1 mF or more between
this pin and the GND pin.
DIP SOP SSOP
111
S2
222
336
4-7
5, 7,
8, 10
7-10
811
14
912
15
10
13
16
11
14
17
12
16
21
T2
13
17
22
14
18
23
15
20
24
16
22
25
17
23
29
18
24
30
Pin
Pin to test the internal circuit. Make this pin open.


Similar Part No. - MSM6585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
   262,144-Word x 1-Bit Serial Register
MSM6586JS OKI-MSM6586JS Datasheet
187Kb / 14P
   262,144-Word x 1-Bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
   524,288-Word x 1-Bit Serial Register
MSM6587JS OKI-MSM6587JS Datasheet
179Kb / 14P
   524,288-Word x 1-Bit Serial Register
MSM6588 OKI-MSM6588 Datasheet
523Kb / 101P
   ADPCM Solid-State Recorder (for Serial Registers)
More results

Similar Description - MSM6585

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
   ADPCM Voice Analysis/Synthesis IC
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
   Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com