Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7535NSA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN7535NSA
Description  Headphone amplifier IC for portable equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7535NSA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN7535NSA Datasheet HTML 1Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 2Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 3Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 4Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 5Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 6Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 7Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 8Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AN7535NSA
ICs for Audio Common Use
4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent current 1
ICQM
Mute-on
1.9
mA
Quiescent current 2
ICQ1
Without input, pin 3 current, Mute-off
4.6
mA
Quiescent current 3
I CQ2
Without input, pin10 current, Mute-off
1.1
mA
HP amplifier
Voltage gain 1
GV1
VO = 0.35 V[rms], GV = 12 dB
11.7
dB
Voltage gain 2
GV2
VO = 0.35 V[rms], GV = 8 dB
7.8
dB
Channel balance
CB
VO = 0.35 V[rms], GV = 8 dB
0
dB
Total harmonic distortion
THD
VO = 0.35 V[rms], GV = 8 dB
0.05
%
Maximum output power
PO
THD
= 10%, G
V = 8 dB
52
mW
Output noise voltage*
1
VNO
Rg = 10 kΩ, GV = 8 dB
−102
dBm
Channel cross-talk*
2
CT
VO = 0.35 V[rms], GV = 8 dB
45
dB
Ripple rejection
RR
VR = 0.1 V[rms], fR = 100 Hz, GV = 8 dB
77
dB
Mute attenuation*
2
VMUTE
VIN = −15 dBm, GV = 8 dB
98
dB
Beep sound output voltage*
3
VBEEP
VIN = 2.2 dBm, GV = 8 dB
10
 mV[p-p]
Line amplifier
Voltage gain
GV L
VIN = −6 dBm
6.0
dB
Total harmonic distortion
THDL
VIN = −6 dBm
0.003
%
Channel cross-talk
CTL
VIN = −6 dBm
95
dB
Output noise voltage*
1
VNO L
Rg = 10 kΩ
−104
dBm
Mute attenuation*
2
VMUTE L
VIN = −15 dBm
80
dB
Notes)
*1 : Using A curve filter
*2 : Using 30 kHz LPF
*3 : Under the both mute on and off conditions
s Electrical Characteristics (continued)
Unless otherwise specially specified, VCC = 2.6 V, VCC-LINE = 2.8 V, f = 1 kHz, RL = 16 Ω (HP out),
RL = 10 kΩ (line out), Ta = 25°C
• Design reference data
Note) The following characteristics are the reference values for design and not guaranteed values.


Similar Part No. - AN7535NSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN753 MAXIM-AN753 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
logo
Microchip Technology
AN753 MICROCHIP-AN753 Datasheet
197Kb / 4P
   Digital Coding Schemes for Mixed Signal Communication
2001
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
More results

Similar Description - AN7535NSA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
New Japan Radio
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
logo
Rohm
BU1521GVW ROHM-BU1521GVW Datasheet
553Kb / 16P
   For portable image equipment Upscaler IC
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4992TT SANYO-LV4992TT Datasheet
499Kb / 10P
   Bi-CMOS IC For Portable Audio Equipment Stereo SE Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com