Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6587JS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6587JS
Description  524,288-Word x 1-Bit Serial Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6587JS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6587JS Datasheet HTML 1Page - OKI electronic componets MSM6587JS Datasheet HTML 2Page - OKI electronic componets MSM6587JS Datasheet HTML 3Page - OKI electronic componets MSM6587JS Datasheet HTML 4Page - OKI electronic componets MSM6587JS Datasheet HTML 5Page - OKI electronic componets MSM6587JS Datasheet HTML 6Page - OKI electronic componets MSM6587JS Datasheet HTML 7Page - OKI electronic componets MSM6587JS Datasheet HTML 8Page - OKI electronic componets MSM6587JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
¡ Semiconductor
MSM6587
3/13
PIN DESCRIPTIONS
Data input
Pin
Description
1
Write enable
2
Test input
3, 16
Chip select
4
Serial address data
6
Serial address strobe
7
Transfer address strobe
8
Power supply (+5V)
9
Self-refresh/auto-refresh select (Test input)
10
Refresh clock input (Test input)
11
Fast access mode select (Test input)
12
Read/write clock
13
Address up/down select
15
Data output
17
Ground (0V)
18
Symbol
DIN
WE
TEST
CS
SAD
SAS
TAS
VCC
RS/A (TEST)
RFSH (TEST)
FAM (TEST)
RWCK
AU/D
DOUT
VSS


Similar Part No. - MSM6587JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM6585MAZXXX OKI-MSM6585MAZXXX Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM6585MBZXXX OKI-MSM6585MBZXXX Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM6585RS OKI-MSM6585RS Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
   262,144-Word x 1-Bit Serial Register
More results

Similar Description - MSM6587JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
   8,388,608-Word x 1-Bit Serial Register
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
   4,194,304-word x 1-bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
   8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
   4,194,304-word x 1-bit Serial Register
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
   262,144-Word x 1-Bit Serial Register
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com