Electronic Components Datasheet Search |
|
MSM6575L-XXGS-2K Datasheet(PDF) 7 Page - OKI electronic componets |
|
MSM6575L-XXGS-2K Datasheet(HTML) 7 Page - OKI electronic componets |
7 / 13 page 7/13 MSM6545/6575/6545L/6575L ¡ Semiconductor ABSOLUTE MAXIMUM RATINGS (MSM6545L/6575L, 3.0 V, BUF = "0") Parameter Symbol Condition Rating Unit Power Supply Voltage VSS2 Ta = 25°C –6.0 to +0.3 Input Voltage VIN VSS2 – 0.3 to +0.3 V Output Voltage VOUT VSS2 – 0.3 to +0.3 Storage Temperature TSTG — –55 to +125 °C VDD = 0 V (VSS2 = battery voltage) RECOMMENDED OPERATING CONDITIONS (MSM6545L/6575L, 3.0 V, BUF = "0") Parameter Symbol Condition Range Unit Operating Voltage Vop — –3.5 to –1.8 V V — Operating Temperature Top –20 to +70 °C — Oscillation Frequency fOSC 32.768 kHz — VDD = 0 V (VSS2 = battery voltage) ELECTRICAL CHARACTERISTICS (MSM6545L/6575L, 3.0 V, BUF = "0") Parameter Symbol Condition Min. Applied Pin Typ. Max. Unit Power Supply Current IDD *1 — — 0.75 — mA Oscillation Start Voltage –VOSC Within 2 seconds — VSS2 — 1.8 V Output Current 1 –IOH1 VO = –0.5 V 500 PORT0 to PORT6*2 SOUT, SCLK —— mA IOL1 VO = –2.5 V 500 — — Output Current 2 –IOH2 VO = –0.5 V 20 BD —— mA IOL2 VO = –2.5 V 20 — — Input Current 1 IIH1 VI = 0 V, in the input state, with pull-down resistor 50 PORT0 to PORT6 *2 100 200 mA Input Leakage Current ÁIILÁ VI = 0 V, –3 V, in the input state, without pull-down resistor — PORT0 to PORT7*2 SIN, SOUT, SCLK —1 mA Input Current 3 IIH3 VI = 0 V, with pull-down resistor 200 RESET TEST1 to TEST3 750 1500 mA Input Voltage –VIH — — All input pins — 0.5 V –VIL 2.5 — — VDD = 0 V, VSS1 = –1.5 V, VSS2 = –3.0 V (battery voltage), fOSC = 32.768 kHz, CX = 35 pF, Ta = 25°C Note: The input of the constant voltage circuit is equal to the output of the voltage converter (VSS1). *1 Depends on the program. (Values in the above table are applied in the case where the software duty is about 5%.) *2 PORT0 = P0.0 to P0.3, PORT1 = P1.0 to P1.3, PORT2 = P2.0 to P2.3, PORT3 = P3.0 to P3.3, PORT4 = P4.0 to P4.3, PORT5 = P5.0 to P5.3, PORT6 = P6.0 to P6.3, PORT7 = P7.0 to P7.3 Note: The input of the constant voltage circuit is equal to the output of the voltage converter (VSS1). Note: The input of the constant voltage circuit is equal to the output of the voltage converter (VSS1). |
Similar Part No. - MSM6575L-XXGS-2K |
|
Similar Description - MSM6575L-XXGS-2K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |