Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6981-01 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6981-01
Description  32 kbps ADPCM TRANSCODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6981-01 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6981-01 Datasheet HTML 1Page - OKI electronic componets MSM6981-01 Datasheet HTML 2Page - OKI electronic componets MSM6981-01 Datasheet HTML 3Page - OKI electronic componets MSM6981-01 Datasheet HTML 4Page - OKI electronic componets MSM6981-01 Datasheet HTML 5Page - OKI electronic componets MSM6981-01 Datasheet HTML 6Page - OKI electronic componets MSM6981-01 Datasheet HTML 7Page - OKI electronic componets MSM6981-01 Datasheet HTML 8Page - OKI electronic componets MSM6981-01 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
¡ Semiconductor
MSM6981-01
PIN DESCRIPTION
Symbol
Description
Pin
PD0 to PD15
1 to 10
36 to 41
SID
11
SICK
12
ISYNC
13
MCK
14
PBS
15
RST
16
DATD
17
POWD
18
WDT
19
EXTI
20
GND
21
CKOUT
22
IS/P
23
CKRST
24
C/D
25
Bidirectional bus interface.
PD15 is the MSB pin.
Refer to Tables 1 and 2 for the specifications and Figures 1 and 3 for the timings.
When RST or OSYNC is a logic "0", all of outputs PD0 to PD15 are "1"s with an
impedance of 100 k
W or more. A logic "0" means low level input/output voltage
and a logic "1" high level input/output voltage.
Serial data input. The bit length is 4 or 8.
Refer to Fig.2.
Clock signal input for serial input data.
The maximum clock rate is 2048 kbps. The input clock count should be longer
than the serial data bit length. Refter to Fig.2.
Synchronous pulse signal input.
For taking in the serial or parallel data.
Main clock input. 20 MHz clock input.
Chip test input.
Input a logic "0" to this pin.
Reset signal input.
Input a logic "0" while the main clock (MCK) is input. Provide the timing indicated
in Fig.6 to make the first output data effective.
While a logic "0" is input to RST, PD0 to PD15 output a logic "1" with a high output
impedance of 100 k
W or more, and SOD is in a high impedance state.
Chip test output.
Chip test output.
Chip test output.
Also available for the internal observation signal.
When the device is operating normally, the signal synchronized with ISYNC is
output from WDT. Refter to Fig.5.
Chip test input.
Normally input a logic "1" to this pin.
Ground. 0 V.
Chip test output.
Normally 1/4 main clock (MCK) frequency is output (5 MHz).
Serial/Parallel data input select signal.
Logic "1": Serial data input.
Logic "0": Parallel data input.
Refer to Table 1.
Chip test input.
Normally pull this pin to a logic "1".
Operating mode select input.
Logic "1": Coding mode.
Logic "0": Decoding mode.
Refer to Table 1.


Similar Part No. - MSM6981-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927GS-2K OKI-MSM6927GS-2K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927GS-K OKI-MSM6927GS-K Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
MSM6927RS OKI-MSM6927RS Datasheet
222Kb / 31P
   1200 bps Single Chip FSK MODEM
More results

Similar Description - MSM6981-01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
logo
OKI electronic componet...
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
   Low Power Quad ADPCM Transcoder
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com