Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V5A36GP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M5M5V5A36GP
Description  18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5M5V5A36GP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M5M5V5A36GP Datasheet HTML 7Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 8Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 9Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 10Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 11Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 12Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 13Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 14Page - Renesas Technology Corp M5M5V5A36GP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Renesas LSIs
M5M5V5A36GP-75,85
18874368-BIT(524288-WORD BY 36-BIT)
Flow-Through NETWORK SRAM
11/19
Preliminary
M5M5V5A36GP-75,85
REV.1.0
AC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, VDD=3.135~3.465V, unless otherwise noted)
(1)MEASUREMENT CONDITION
Input pulse levels
········································ VIH=VDDQ, VIL=0V
Input rise and fall times
······························· faster than or equal to 1V/ns
Input timing reference levels
······················· VIH=VIL=0.5*VDDQ
Output reference levels
·······························VIH=VIL=0.5*VDDQ
Output load
·················································· Fig.1
Note21.Valid Delay Measurement is made from the VDDQ/2 on the input waveform to the VDDQ/2 on the output waveform.
Input waveform should have a slew rate of
faster than or equal to 1V/ns.
Note22.Tri-state toff measurement is made from the VDDQ/2 on the input waveform to the output waveform moving 20%
from its initial to final Value VDDQ/2.
Note:the initial value is not VOL or VOH as specified in DC ELECTRICAL CHARACTERISTICS table.
Note23. Tri-state ton measurement is made from the VDDQ/2 on the input waveform to the output waveform moving 20%
from its initial Value VDDQ/2 to its final Value.
Note:the final value is not VOL or VOH as specified in DC ELECTRICAL CHARACTERISTICS table.
Note24.Clocks,Data,Address and control signals will be tested with a minimum input slew rate of
faster than or equal to 1V/ns.
ZO=50
50
Q
VT=0.5*VDDQ
30pF
(Including wiring and JIG)
Fig.1 Output load
VDDQ / 2
VDDQ / 2
tplh
tphl
Input
Waveform
Output
Waveform
VDDQ / 2
Input
Waveform
Vh-(0.2(Vh-Vz))
Vz+(0.2(Vh-Vz))
0.2(Vz-Vl)
Vz-(0.2(Vz-Vl))
toff
ton
Vz
(toff)
(ton)
Vh
Vl
Output
Waveform
Fig.2 Tdly measurement
Fig.3 Tri-State measurement


Similar Part No. - M5M5V5A36GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V5A36GP RENESAS-M5M5V5A36GP Datasheet
542Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
M5M5V5A36GP-75 RENESAS-M5M5V5A36GP-75 Datasheet
542Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
M5M5V5A36GP-85 RENESAS-M5M5V5A36GP-85 Datasheet
542Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
M5M5V5A36GP RENESAS-M5M5V5A36GP_1 Datasheet
542Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
More results

Similar Description - M5M5V5A36GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5V5A36GP RENESAS-M5M5V5A36GP_1 Datasheet
542Kb / 20P
   18874368-BIT(524288-WORD BY 36-BIT) Flow-Through NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5V5636GP16 MITSUBISHI-M5M5V5636GP16 Datasheet
262Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5Y5636TG-25 RENESAS-M5M5Y5636TG-25 Datasheet
462Kb / 30P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
242Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636UG RENESAS-M5M5T5636UG_15 Datasheet
542Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636GP-20 MITSUBISHI-M5M5T5636GP-20 Datasheet
257Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636UG RENESAS-M5M5V5636UG_15 Datasheet
928Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5T5636UG-25 MITSUBISHI-M5M5T5636UG-25 Datasheet
291Kb / 23P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5V5636GP-16I RENESAS-M5M5V5636GP-16I Datasheet
486Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
M5M5V5636GP-16 RENESAS-M5M5V5636GP-16 Datasheet
692Kb / 18P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com