Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V6466F Datasheet(PDF) 10 Page - OKI electronic componets

Part # MR27V6466F
Description  4,194,304-Word x 16Bit or 2,097,152-Word x 32-Bit Synchronous One Time PROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V6466F Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27V6466F Datasheet HTML 6Page - OKI electronic componets MR27V6466F Datasheet HTML 7Page - OKI electronic componets MR27V6466F Datasheet HTML 8Page - OKI electronic componets MR27V6466F Datasheet HTML 9Page - OKI electronic componets MR27V6466F Datasheet HTML 10Page - OKI electronic componets MR27V6466F Datasheet HTML 11Page - OKI electronic componets MR27V6466F Datasheet HTML 12Page - OKI electronic componets MR27V6466F Datasheet HTML 13Page - OKI electronic componets MR27V6466F Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
PEDR27V6466F-01-08
1Semiconductor
MR27V6466F
10/39
READ OPERATIONS
Clock (CLK)
The clock input enables MR27V6466F to sample all the inputs, to control internal circuitry, and to turn on output
drivers. All timings are referred to the rising edge of the clock. All inputs with high level CKE and low level
CS
should be valid at the rising edge of CLK for proper functionality.
Clock Enable (CKE)
The clock enable (CKE) turns on or switches off the admission of the clock input into the internal clock signal lines.
All internal circuits are controlled by the internal clock signal to implement each command. High level CKE
sampled at CKE
N-1 clock cycle enables the admission of the rising edge of clock input into internal clock line at
CKE
N cycle. Low level CKE sampled at CKE N-1 cycle suspends the rising edge of CLK at CKEN cycle.
The
suspension of internal clock signal in all state ignores new input except CKE, and holds internal state and output
state. Low level CKE in Active Standby state, defined as Power Down state, cuts power dissipation. In Power
Down state, the contents of mode resister and Row Address are preserved. After recovering high level CKE to exit
from Power Down state, MR27V6466F is in Active Standby state. Low level CKE just after the sampling of
"Read" command till the completion of burst read, defined as Clock Suspend, makes read operation go on with
power dissipation. Any command operation does not interrupted by arbitrary low level CKE. Sampling command
with low level CKE preceded with high level CKE is illegal.
Power On
Apply power and start clock considering following issues.
1.
During power on, Mode Register is initialized into the default state.
(default state: CAS latency = 5, Burst Type = Sequential, Burst length = 4)
2.
After power on, MR27V6466F is in Active Standby state and ready for "Mode Register set" command or
"Row Active" command. MR27V6466F requires neither command nor waiting time as power on sequence
after starting CLK input in order to start "Row Active" command to read data.
3.
It is recommended in order to utilize default state of Mode Register that
MR and CKE inputs are maintained
to be pulled up during power on till the implementation of the first "Row Active" command. After above
power on, "Row Active" command and "Read" command can be started immediately on default Mode
Register state.
4.
It is recommended that DQM input is maintained to be pulled up to prevent unexpected operation of output
buffers.
Organization Control
The organization of data output (DQ0~DQ31) depends on the logical level on WORD at the input timing of each
"Read" command. High level sampling of WORD derives double word mode (x32) output and low level sampling
of WORD derives word mode (x16) output. Constant WORD level input brings consistent organization.
MODE Register
Mode register stores the operating mode of MR27V6466F. Operating modes are consisted with CAS latency,
Burst Type and Burst Length. Registration of RAS latency is not required, because RAS to CAS delay (tRCD) is
requested independently of system clock. When the contents of Mode register are required to be changed for the
next operation, "Mode Register Set" command can be sampled at any cycle in Active Standby state. After "Mode
Register Set" command is sampled,
CS must be fixed to logical high level to prevent sampling of new command
input during succeeding three clock cycles.
Refer to Mode Resister Field Table for the relation between Operation modes and input pin assignment


Similar Part No. - MR27V6466F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V6402G OKI-MR27V6402G Datasheet
149Kb / 14P
   4M-Word x 16-Bit or 8M-Word x 8-Bit OTP
logo
LAPIS Semiconductor Co....
MR27V6441L LAPIS-MR27V6441L Datasheet
231Kb / 15P
   64M?밯ord 횞 1?밄it Serial Production Programmed ROM (P2ROM)
logo
OKI electronic componet...
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V6452DMA OKI-MR27V6452DMA Datasheet
83Kb / 10P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results

Similar Description - MR27V6466F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com