Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V12850J Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR27V12850J
Description  8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V12850J Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V12850J Datasheet HTML 1Page - OKI electronic componets MR27V12850J Datasheet HTML 2Page - OKI electronic componets MR27V12850J Datasheet HTML 3Page - OKI electronic componets MR27V12850J Datasheet HTML 4Page - OKI electronic componets MR27V12850J Datasheet HTML 5Page - OKI electronic componets MR27V12850J Datasheet HTML 6Page - OKI electronic componets MR27V12850J Datasheet HTML 7Page - OKI electronic componets MR27V12850J Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OKI Semiconductor
FEDR27V12850J-02-03
Issue Date: Jul. 9, 2004
MR27V12850J
8M–Word
× 16–Bit or 16M–Word × 8–Bit Page mode
P2ROM
1/8
FEATURES
·8,388,608-word
× 16-bit/16,777,216-word × 8-bit electrically
switchable configuration
· Page size of 8-word x 16-Bit or 16-word x 8-Bit
· 3.0 V to 3.6 V power supply
· Access time
100 ns MAX
· Page Access time
25 ns MAX
· Operating current
50 mA MAX(5MHz)
· Standby current
10 µA MAX
· Input/Output TTL compatible
· Three-state output
PACKAGES
· MR27V12850J-xxxTN
48-pin plastic TSOP (TSOP I 48-P-1220-0.50-1K)
P2ROM ADVANCED TECHNOLOGY
P2ROM stands for Production Programmed ROM. This
exclusive Oki technology utilizes factory test equipment for
programming the customers code into the P2ROM prior to final
production testing. Advancements in this technology allows
production costs to be equivalent to MASKROM and has many
advantages and added benefits over the other non-volatile
technologies, which include the following;
· Short lead time, since the P2ROM is programmed at the
final stage of the production process, a large P2ROM
inventory "bank system" of un-programmed packaged
products are maintained to provide an aggressive lead-time
and minimize liability as a custom product.
· No mask charge, since P2ROMs do not utilize a custom
mask for storing customer code, no mask charges apply.
· No additional programming charge, unlike Flash and
OTP that require additional programming and handling
costs, the P2ROM already has the code loaded at the
factory with minimal effect on the production throughput.
The cost is included in the unit price.
· Custom Marking is available at no additional charge.
· Pin Compatible with Mask ROM
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
BYTE#
A16
A15
A14
A13
A12
A11
A10
A9
A8
A19
A21
A20
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE#
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48TSOP(Type-I)
PIN CONFIGURATION (TOP VIEW)
Vss
Vss
D15/A–1
D7
D14
D6
D13
D5
D12
D4
VCC
VCC
A22
D11
D3
D10
D2
D9
D1
D8
D0
OE #
Vss
Vss


Similar Part No. - MR27V12850J

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V12850L OKI-MR27V12850L Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27V12850L ETC2-MR27V12850L Datasheet
169Kb / 8P
   8M.Word 횞 16.Bit or 16M.Word 횞 8.Bit Page mode P2ROM
logo
LAPIS Semiconductor Co....
MR27V12850L LAPIS-MR27V12850L Datasheet
169Kb / 8P
   P2ROM
logo
OKI electronic componet...
MR27V12850L-XXXTN OKI-MR27V12850L-XXXTN Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
More results

Similar Description - MR27V12850J

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J OKI-MR27T12800J Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850L OKI-MR27V12850L Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12800J OKI-MR27V12800J Datasheet
115Kb / 9P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR26V25605J OKI-MR26V25605J Datasheet
88Kb / 8P
   8M-Word x 32-bit or 16M-Word x 16-BIt P2ROM
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27T25603L ETC2-MR27T25603L Datasheet
168Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
OKI electronic componet...
MR27T25603L OKI-MR27T25603L Datasheet
91Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR27V6452G OKI-MR27V6452G Datasheet
113Kb / 9P
   4M-Word x 16-Bit or 8M-Word 8-Bit P2ROM
MR26V25655J OKI-MR26V25655J Datasheet
90Kb / 8P
   8M-Word x 32-Bit or 16M-Word x 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com