Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7560 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN7560
Description  BTL output power IC for car audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7560 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN7560 Datasheet HTML 2Page - Panasonic Semiconductor AN7560 Datasheet HTML 3Page - Panasonic Semiconductor AN7560 Datasheet HTML 4Page - Panasonic Semiconductor AN7560 Datasheet HTML 5Page - Panasonic Semiconductor AN7560 Datasheet HTML 6Page - Panasonic Semiconductor AN7560 Datasheet HTML 7Page - Panasonic Semiconductor AN7560 Datasheet HTML 8Page - Panasonic Semiconductor AN7560 Datasheet HTML 9Page - Panasonic Semiconductor AN7560 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ICs for Audio Common Use
AN7560Z
1
10
100
1 000
Input voltage V
IN (mV[rms])
0
10
20
30
40
50
60
70
80
90
100
VCC = 13.2 V
freq
= 1 kHz
RL = 4 Ω
400 Hz HPF
30 kHz LPF
Rg = 10 kΩ
ch.1
→2,3,4 or ch.2→1,3,4
1
10
100
1 000
Input voltage V
IN (mV[rms])
0
10
20
30
40
50
60
70
80
90
100
ch.3
→1,2,4 or ch.4→1,2,3
VCC = 13.2 V
freq
= 1 kHz
RL = 4 Ω
400 Hz HPF
30 kHz LPF
Rg = 10 kΩ
0
20
40
60
80
100
120
1
10
100
1 000
Input voltage V
IN (mV[rms])
VCC = 13.2 V
VCC = 13.2 V
0
10
20
30
40
50
60
70
80
90
100
10
100
1 000
10 000
100 000
Frequency freq (Hz)
Supply voltage V
CC (V)
PO = 1 W
freq
= 1 kHz
RL = 4 Ω
400 Hz HPF
30 kHz LPF
Rg = 10 kΩ
0
10
20
30
40
50
60
70
80
90
100
6
8
10
12
14
16
18
ch.1
→2,3,4 or ch.2→1,3,4
s Technical Information (continued)
2. Main characteristics (continued)
MT
 V
IN
MT
 freq
CT
 V
CC
CT
 V
CC
CT
 V
IN
CT
 V
IN
Supply voltage V
CC (V)
PO = 1 W
freq
= 1 kHz
RL = 4 Ω
400 Hz HPF
30 kHz LPF
Rg = 10 kΩ
0
10
20
30
40
50
60
70
80
90
100
6
8
10
12
14
16
18
ch.3
→1,2,4 or ch.4→1,2,3


Similar Part No. - AN7560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7560 PANASONIC-AN7560 Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
56Kb / 5P
   BTL output power IC for car audio
More results

Similar Description - AN7560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com