Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V12800J-XXXTN Datasheet(PDF) 7 Page - OKI electronic componets

Part # MR27V12800J-XXXTN
Description  8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V12800J-XXXTN Datasheet(HTML) 7 Page - OKI electronic componets

  MR27V12800J-XXXTN Datasheet HTML 1Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 2Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 3Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 4Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 5Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 6Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 7Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 8Page - OKI electronic componets MR27V12800J-XXXTN Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FEDR27V12800J-02-06
OKI Semiconductor
MR27V12800J / P2ROM
7/9
TSOP(1)48-P-1220-0.50-L
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.55 TYP.
5
Rev. No./Last Revised
1/Feb. 27, 2003
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
(Unit: mm)


Similar Part No. - MR27V12800J-XXXTN

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V12850J OKI-MR27V12850J Datasheet
91Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850J-XXXTN OKI-MR27V12850J-XXXTN Datasheet
91Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850L OKI-MR27V12850L Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27V12850L ETC2-MR27V12850L Datasheet
169Kb / 8P
   8M.Word 횞 16.Bit or 16M.Word 횞 8.Bit Page mode P2ROM
logo
LAPIS Semiconductor Co....
MR27V12850L LAPIS-MR27V12850L Datasheet
169Kb / 8P
   P2ROM
More results

Similar Description - MR27V12800J-XXXTN

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27T12800L OKI-MR27T12800L Datasheet
205Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27T12800J OKI-MR27T12800J Datasheet
114Kb / 10P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850J OKI-MR27V12850J Datasheet
91Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR27V12850L OKI-MR27V12850L Datasheet
86Kb / 8P
   8M-Word x 16-Bit or 16M-Word x 8-Bit P2ROM
MR26V25605J OKI-MR26V25605J Datasheet
88Kb / 8P
   8M-Word x 32-bit or 16M-Word x 16-BIt P2ROM
MR27V25603L OKI-MR27V25603L Datasheet
108Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
List of Unclassifed Man...
MR27T25603L ETC2-MR27T25603L Datasheet
168Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
logo
OKI electronic componet...
MR27T25603L OKI-MR27T25603L Datasheet
91Kb / 9P
   16M-Word x 16-Bit or 32M-Word x 8-Bit P2ROM
MR27V6452G OKI-MR27V6452G Datasheet
113Kb / 9P
   4M-Word x 16-Bit or 8M-Word 8-Bit P2ROM
MR26V25655J OKI-MR26V25655J Datasheet
90Kb / 8P
   8M-Word x 32-Bit or 16M-Word x 16-Bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com