Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR57T00401J-XXXKB Datasheet(PDF) 7 Page - OKI electronic componets

Part # MR57T00401J-XXXKB
Description  P2ROM MultiMediaCard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR57T00401J-XXXKB Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MR57T00401J-XXXKB Datasheet HTML 3Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 4Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 5Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 6Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 7Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 8Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 9Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 10Page - OKI electronic componets MR57T00401J-XXXKB Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
FEDR57T00401J-02-03
OKI Semiconductor
MR57T00401J / P2ROM MMC
7/24
4.4 Command-3/3
MMC mode
SPI mode
CMD
Abbreviation
Command Description
Type
Argument
Resp
Argument
Resp
12
STOP
_TRANSMISSION
Forces the card to stop
processing of CMD11 and
CMD18.
ac
[31:00]
stuff bits
R1
None
R1
13
SEND_STATUS
Asks the card to send the
information of its status
register.
ac
[31:16]
RCA
[15:00]
stuff bits
R1
None
R2
15
GO_INACTIVE
_STATE
Sets the card to inactive
state.
ac
[31:16]
RCA
[15:00]
stuff bits
-
-
-
16
SET_BLOCKLEN
Sets the block length for
following CMD17& CMD18.
ac
[31:00]
block
length
R1
[31:00]
block
length
R1
17
READ_SINGLE
_BLOCK
Asks the card to transfer a
data block from the address
assigned by argument. (The
block length is set by
CMD16).
adtc
[31:00]
data
address
R1
[31:00]
data
address
R1
18
READ_MULTIPLE
_BLOCK
Asks the card to transfer data
blocks continuously from the
address assigned by
argument until interrupted by
CMD12. (The block length is
set by CMD16)
adtc
[31:00]
data
address
R1
[31:00]
data
address
R1
23
SET_BLOCK_COUNT
Sets number of blocks to be
transferred for immediately
following CMD18.
ac
[31:16]
set to 0
[15:00]
number of
block
R1
[31:16]
set to 0
[15:00]
number of
block
R1
58
READ_OCR
Asks the card to transfer OCR
data.
-
-
-
None
R3
59
CRC_ON_OFF
Makes CRC option to be ON
/OFF. The default in SPI
mode is CRC OFF.
[CRC option bit = 1] means
CRC ON;
[CRC option bit = 0] means
CRC OFF.
-
-
-
[31:01]
stuff bits
[00:00]
CRC
option
R1


Similar Part No. - MR57T00401J-XXXKB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
MR57T00101F-XXXKB OKI-MR57T00101F-XXXKB Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G-XXXKB OKI-MR57T00801G-XXXKB Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
More results

Similar Description - MR57T00401J-XXXKB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
LAPIS Semiconductor Co....
MR27T12800L LAPIS-MR27T12800L Datasheet
170Kb / 9P
   P2ROM
MR27V1652L LAPIS-MR27V1652L Datasheet
243Kb / 9P
   P2ROM
MR27V3252J LAPIS-MR27V3252J Datasheet
225Kb / 9P
   P2ROM
MR27V6452R LAPIS-MR27V6452R Datasheet
269Kb / 11P
   P2ROM
MR27V12850L LAPIS-MR27V12850L Datasheet
169Kb / 8P
   P2ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com