Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS81V04160A-20TB Datasheet(PDF) 1 Page - OKI electronic componets

Part # MS81V04160A-20TB
Description  Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS81V04160A-20TB Datasheet(HTML) 1 Page - OKI electronic componets

  MS81V04160A-20TB Datasheet HTML 1Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 2Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 3Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 4Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 5Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 6Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 7Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 8Page - OKI electronic componets MS81V04160A-20TB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OKI Semiconductor
FEDS81V04160A-01
This version: Nov.,21, 2002
MS81V04160A
Dual FIFO (262,214 Words
× 8 Bits) × 2
1/24
GENERAL DESCRIPTION
The MS81V04160A is a single-chip 4Mb FIFO functionally composed of two OKI 2Mb FIFO (First-In First-Out)
memories which were designed for 262,214 x 8-bit high-speed asynchronous read/write operation.
The read clocks and the write clocks of each of the 2Mb FIFO memories are connected in common. The
MS81V04160A, functionally compatible with Oki's 2Mb FIFO memory (MSM51V8222A), can be used as a x16
configuration FIFO.
The MS81V04160A is a field memory for wide or low end use in general commodity TVs and VTRs exclusively
and is not designed for high end use in professional graphics systems, which require long term picture storage, data
storage, medical use and other storage systems.
The MS81V04160A provides independent control clocks to support asynchronous read and write operations.
Different clock rates are also supported, which allow alternate data rates between write and read data streams.
The MS81V04160A provides high speed FIFO (First-in First-out) operation without external refreshing:
MS81V04160A refreshes its DRAM storage cells automatically, so that it appears fully static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial access
operation, so that serial read and/or write control clock can be halted high or low for any duration as long as the
power is on. Internal conflicts of memory access and refreshing operations are prevented by special arbitration
logic.
The MS81V04160A’s function is simple, and similar to a digital delay device whose delay-bit- length is easily set
by reset timing. The delay length and the number of read delay clocks between write and read, is determined by
externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 71 x 16-bit enable high speed
first-bit-access with no clock delay just after the write or read reset timings.
Additionally, the MS81V04160A has a write mask function or input enable function (IE), and read- data skipping
function or output enable function (OE). The differences between write enable (WE) and input enable (IE), and
between read enable (RE) and output enable (OE) are that WE and RE can stop serial write/read address
increments, but IE and OE cannot stop the increment, when write/read clocking is continuously applied to
MS81V04160A. The input enable (IE) function allows the user to write into selected locations of the memory only,
leaving the rest of the memory contents unchanged. This facilitates data processing to display a “picture in picture”
on a TV screen.


Similar Part No. - MS81V04160A-20TB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
MS81V04160-25TB OKI-MS81V04160-25TB Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
MS81V04160-30TB OKI-MS81V04160-30TB Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
More results

Similar Description - MS81V04160A-20TB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160 OKI-MS8104160 Datasheet
126Kb / 22P
   (262,214-word x 8-Bits) x 2 Dual FIFO
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com