Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS8104160A-XXTB Datasheet(PDF) 5 Page - OKI electronic componets

Part # MS8104160A-XXTB
Description  Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS8104160A-XXTB Datasheet(HTML) 5 Page - OKI electronic componets

  MS8104160A-XXTB Datasheet HTML 1Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 2Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 3Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 4Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 5Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 6Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 7Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 8Page - OKI electronic componets MS8104160A-XXTB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
FEDS8104160A-01
OKI Semiconductor
MS8104160A
5/24
PIN DESCRIPTION
Data Inputs: (DIN10 to 17)
These pins are used for serial data inputs.
Write Reset: RSTW1
The first positive transition of SWCK after RSTW becomes high resets the write address pointers to zero. RSTW1
setup and hold times are referenced to the rising edge of SWCK. Because the write reset function is solely
controlled by the SWCK rising edge after the high level of RSTW1, the states of WE1 and IE1 are ignored in the
write reset cycle. Before RSTW1 may be brought high again for a further reset operation, it must be low for at least
two SWCK cycles.
Write Enable: WE1
WE1 is used for data write enable/disable control. WE1 high level enables the input, and WE1 low level disables
the input and holds the internal write address pointer. There are no WE1 disable time (low) and WE1 enable time
(high) restrictions, because the MS8104160A is in fully static operation as long as the power is on. Note that WE1
setup and hold times are referenced to the rising edge of SWCK.
Input Enable: IE1
IE1 is used to enable/disable writing into memory. IE1 high level enables writing. The internal write address
pointer is always incremented by cycling SWCK regardless of the IE1 level. Note that IE1 setup and hold times are
referenced to the rising edge of SWCK.
Data Out: (DOUT0 to 11)
These pins are used for serial data outputs.
Read Reset: RSTR1
The first positive transition of SRCK after RSTR1 becomes high resets the read address pointers to zero. RSTR1
setup and hold times are referenced to the rising edge of SRCK. Because the read reset function is solely controlled
by the SRCK rising edge after the high level of RSTR, the states of RE1 and OE1 are ignored in the read reset cycle.
Before RSTR may be brought high again for a further reset operation, it must be low for at least *two SRCK
cycles.
Read Enable: RE1
The function of RE1 is to gate of the SRCK clock for incrementing the read pointer. When RE1 is high before the
rising edge of SRCK, the read pointer is incremented. When RE1 is low, the read pointer is not incremented. RE1
setup times (tRENS and tRDSS) and RE1 hold times (tRENH and tRDSH) are referenced to the rising edge of the SRCK
clock.
Output Enable: OE1
OE1 is used to enable/disable the outputs. OE1 high level enables the outputs. The internal read address pointer is
always incremented by cycling SRCK regardless of the OE1 level. Note that OE1 setup and hold times are
referenced to the rising edge of SRCK.
Serial Write: Clock SWCK
The SWCK latches the input data on chip when WE1,2 and IE1,2 are high, and also increments the internal write
address pointer when WE1,2 is high. Data-in setup time tDS, and hold time tDH are referenced to the rising edge of
SWCK.
Serial Read Clock: SRCK
Data is shifted out of the data registers. It is triggered by the rising edge of SRCK when RE1, 2 is high during a
read operation. The SRCK input increments the internal read address pointer when RE1, 2 is high.
The three-state output buffer provides direct TTL compatibility (no pullup resistor required). Data out is the same
polarity as data in. The output becomes valid after the access time interval tAC that begins with the rising edge of
SRCK.


Similar Part No. - MS8104160A-XXTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS8104160 OKI-MS8104160 Datasheet
126Kb / 22P
   (262,214-word x 8-Bits) x 2 Dual FIFO
MS8104160XXTB OKI-MS8104160XXTB Datasheet
126Kb / 22P
   (262,214-word x 8-Bits) x 2 Dual FIFO
More results

Similar Description - MS8104160A-XXTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160 OKI-MS8104160 Datasheet
126Kb / 22P
   (262,214-word x 8-Bits) x 2 Dual FIFO
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com