Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7513 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN7513
Description  BTL Audio Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7513 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AN7513 Datasheet HTML 4Page - Panasonic Semiconductor AN7513 Datasheet HTML 5Page - Panasonic Semiconductor AN7513 Datasheet HTML 6Page - Panasonic Semiconductor AN7513 Datasheet HTML 7Page - Panasonic Semiconductor AN7513 Datasheet HTML 8Page - Panasonic Semiconductor AN7513 Datasheet HTML 9Page - Panasonic Semiconductor AN7513 Datasheet HTML 10Page - Panasonic Semiconductor AN7513 Datasheet HTML 11Page - Panasonic Semiconductor AN7513 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
min.
32
0.8
30
-300
70
max.
60
10
0.4
36
0.5
300
Parameter
Quiescent current
Standby current
Output noise voltage
Voltage gain
Total harmonic distortion
Maximum power output
Ripple rejection ratio
Output offset voltage
Muting effect
Unit
mA
µA
mVrms
dB
%
W
dB
mV
dB
Symbol
ICQ
ISTB
VNO
GV
THD
PO
RR
Voff
MT
Condition
VIN=0mV
VIN=0mV
Rg=10k
PO=0.25W
PO=0.25W
THD=10%
Rg=10k
PO=0.25W
s Electrical Characteristics (Vcc=5.0V,RL=8
Ω,freq=1kHz,Ta=25ºC ±2 ºC)
typ.
30
1
0.14
34
0.05
1.1
50
0
86
Rg=10k
Vr=1Vrms,fr=120Hz
Note
1
1
1
Note1) For this measurement,use the filter <Bandwidth:15Hz to 30kHz(12dB/octave)>
s Application Circuit
Standby
VIN1
Mute
8
Out1
VCC
AN7511,7511S


Similar Part No. - AN7513

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
logo
List of Unclassifed Man...
AN7511 ETC2-AN7511 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7511S PANASONIC-AN7511S Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7515SH PANASONIC-AN7515SH Datasheet
314Kb / 28P
   Audio signal processing IC for notebook PC
More results

Similar Description - AN7513

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ_06 Datasheet
879Kb / 12P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2939HQ TOSHIBA-TB2939HQ Datasheet
362Kb / 18P
   45W × 4-ch BTL Audio Power IC
Rev-1.0 2009-01-21
TA8231L TOSHIBA-TA8231L Datasheet
354Kb / 9P
   42W BTL x 2CH AUDIO POWER IC
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TA8231LQ TOSHIBA-TA8231LQ Datasheet
866Kb / 10P
   42W BTL 횞 2CH Audio Power IC
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
logo
Toshiba Semiconductor
TB2929HQ TOSHIBA-TB2929HQ Datasheet
268Kb / 17P
   45W × 4-ch BTL Audio Power IC
2009-01-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com