Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS8104166A Datasheet(PDF) 10 Page - OKI electronic componets

Part # MS8104166A
Description  Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MS8104166A Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MS8104166A Datasheet HTML 6Page - OKI electronic componets MS8104166A Datasheet HTML 7Page - OKI electronic componets MS8104166A Datasheet HTML 8Page - OKI electronic componets MS8104166A Datasheet HTML 9Page - OKI electronic componets MS8104166A Datasheet HTML 10Page - OKI electronic componets MS8104166A Datasheet HTML 11Page - OKI electronic componets MS8104166A Datasheet HTML 12Page - OKI electronic componets MS8104166A Datasheet HTML 13Page - OKI electronic componets MS8104166A Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FEDS8104166A-01
1Semiconductor
MS8104166A
10/19
OPERATION MODE
Write Operation Cycle
The write operation is controlled by seven control signals, SWCK1, SWCK2, RSTW1, RSTW2, WE1, WE2 and
IE1, IE2. Port1 write operation is accomplished by cycling SWCK1, and holding WE1 and IE1 high after the write
address pointer reset operation or RSTW1. RSTW1 must be preformed for internal circuit initialization before
Write operation.
Each write operation, which begins after RSTW1, must contain at least 140 active write cycles, i.e. SWCK1 cycles
while WE1 and IE1 are high. To transfer the last data to the DRAM array, which at that time is stored in the serial
data registers attached to the DRAM array, an RSTW1 operation is required after the last SWCK1 cycle.
Note that every write timing of MS8104166A is delayed by one clock compared with read timings for easy
cascading without any interface delay devices.
Setting MODE1 to the VSS level starts write data accessing in the cycle in which RSTW1, WE1, and IE1 control
signals are input.
Setting MODE1 to the VCC level starts write data accessing in the cycle subsequent to the cycle in which RSTW1,
WE1, and IE1 control signals are input.
These operation are the same for Port1 and Port2.
Settings of WE1, 2 and IE1, 2 to the operation mode of Write address pointer and Data input.
WE1, 2
IE1, 2
Internal Write address pointer
Data input
H
H
Input
H
L
Incremented
L
X
Halted
Not input
X indicates “don’t care”
Read Operation Cycle
The read operation is controlled by seven control signals, SRCK, RSTR1, RSTR2, RE1, RE2, and OE1, OE2.
Port1 read operation is accomplished by cycling SRCK, and holding RE1 and OE1 high after the read address
pointer reset operation or RSTR1.
Each read operation, which begins after RSTR1, must contain at least 140 active read cycles, i.e. SRCK cycles
while RE1 and OE1 are high.
These operations are the same for Port1 and Port2.
Settings of RE1, 2 and OE1, 2 to the operation mode of read address pointer and Data output.
WE1, 2
IE1, 2
Internal Write address pointer
Data output
H
H
Output
H
L
Incremented
High impedance
L
X
Output
L
L
Halted
High impedance


Similar Part No. - MS8104166A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results

Similar Description - MS8104166A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160 OKI-MS8104160 Datasheet
126Kb / 22P
   (262,214-word x 8-Bits) x 2 Dual FIFO
MS81V04160 OKI-MS81V04160 Datasheet
109Kb / 22P
   Dual FIFO (262,214-word x 8-Bits) x 2
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
logo
Elpida Memory
EDS1216AGTA ELPIDA-EDS1216AGTA Datasheet
685Kb / 49P
   128M bits SDRAM (8M words 횞 16 bits)
logo
Winbond
W9816G6CH WINBOND-W9816G6CH Datasheet
1Mb / 43P
   512K 횞 2 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com