Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23B1321D-60BS2 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC23B1321D-60BS2
Description  1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23B1321D-60BS2 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC23B1321D-60BS2 Datasheet HTML 1Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 2Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 3Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 4Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 5Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 6Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 7Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 8Page - OKI electronic componets MSC23B1321D-60BS2 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor
MSC23B1321D
MODULE OUTLINE
1
72
R1.57
6.35
1.04Typ.
1.27±0.1
95.25
2.03Typ.
6.35Typ.
Typ.
6.35
Typ.
10.16
 3.18
19.0±0.2
101.19Typ.
107.95±0.2*1
3.38Typ.
5.7Min.
5.28Max.
+0.1
-0.08
1.27
(Unit : mm)
MSC23B1321D-xxBS2/DS2
*1
The common size difference of the board width 12.5mm of its height is specified as ±0.2.
The value above 12.5mm is specified as ±0.5.


Similar Part No. - MSC23B1321D-60BS2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
   1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSC23B136D-XXBS4 OKI-MSC23B136D-XXBS4 Datasheet
298Kb / 9P
   1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSC23B136D-XXDS4 OKI-MSC23B136D-XXDS4 Datasheet
298Kb / 9P
   1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
More results

Similar Description - MSC23B1321D-60BS2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23136D OKI-MSC23136D Datasheet
83Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23137D-XXBS9 OKI-MSC23137D-XXBS9 Datasheet
84Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23140D-XXBS10 OKI-MSC23140D-XXBS10 Datasheet
84Kb / 9P
   1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com