Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7654GA Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7654GA
Description  NTSC/PAL Digital Video Encoder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7654GA Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7654GA Datasheet HTML 5Page - OKI electronic componets MSM7654GA Datasheet HTML 6Page - OKI electronic componets MSM7654GA Datasheet HTML 7Page - OKI electronic componets MSM7654GA Datasheet HTML 8Page - OKI electronic componets MSM7654GA Datasheet HTML 9Page - OKI electronic componets MSM7654GA Datasheet HTML 10Page - OKI electronic componets MSM7654GA Datasheet HTML 11Page - OKI electronic componets MSM7654GA Datasheet HTML 12Page - OKI electronic componets MSM7654GA Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
¡ Semiconductor
MSM7654
9/52
AC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(Ta = 0 to 70°C, DVDD = 3.3 V ±0.3 V, AVDD = 3.3 V ±0.3 V)
CLKX2 Frequency (*1)
Fclk
29.5
MHz
Input Data Setup Time 1
Input Data Hold Time 1
Output Delay Time 1
Output Delay Time 2
tS1
tH1
tD1
tD2
2.5
ns
10.0
ns
6.0
18.0
ns
7.0
25.0
ns
——
PAL Square Pixel
28.636364
MHz
——
NTSC 4Fsc
24.545454
MHz
——
NTSC Square Pixel
27.0
MHz
——
ITU-R BT.601/656
GENLOCK Minimum Pulse Width
tW1
93.0
ns
Input Data Setup Time 2
tS2
0.0
ns
Input Data Hold Time 2
tH2
11.08
ns
(*1)
If high precision is needed for sub-carrier/synchronization signals, clocks within
±100 ppm(typ.) should be provided.


Similar Part No. - MSM7654GA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
   NTSC/PAL Digital Encoder
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
MSM7653 OKI-MSM7653 Datasheet
254Kb / 36P
   NTSC/PAL Digital Video Encoder
MSM7653GS-2K OKI-MSM7653GS-2K Datasheet
254Kb / 36P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - MSM7654GA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com