Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML60851AGA Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML60851AGA
Description  USB Device Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60851AGA Datasheet(HTML) 1 Page - OKI electronic componets

  ML60851AGA Datasheet HTML 1Page - OKI electronic componets ML60851AGA Datasheet HTML 2Page - OKI electronic componets ML60851AGA Datasheet HTML 3Page - OKI electronic componets ML60851AGA Datasheet HTML 4Page - OKI electronic componets ML60851AGA Datasheet HTML 5Page - OKI electronic componets ML60851AGA Datasheet HTML 6Page - OKI electronic componets ML60851AGA Datasheet HTML 7Page - OKI electronic componets ML60851AGA Datasheet HTML 8Page - OKI electronic componets ML60851AGA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
ML60851A
¡ Semiconductor
1/44
GENERAL DESCRIPTION
The ML60851A is a general purpose Universal Serial Bus (USB) device controller. The ML60851A
provides a USB interface, control/status block, application interface, and FIFOs. The FIFO interface
and two types of transfer have been optimized for BulkOut devices such as printers and BulkIn
devices such as digital still cameras and image scanners. In addition, Mass Storage devices are
also applicable to this device.
FEATURES
• USB 1.0 compliant
• Built-in USB transceiver circuit
• Full-speed (12 Mb/sec) support
• Supports printer device class, image device class, and Mass Storage device class
• Supports three types of transfer; control transfer, bulk transfer, and interrupt transfer
• Built-in FIFOs for control transfer
Two 8-byte FIFOs (one for receive FIFO and the other for transmit FIFO)
• Built-in FIFOs for bulk transfer (available for either receive FIFO or transmit FIFO)
One 64-byte FIFO
Two 64-byte FIFOs
• Built-in FIFO for interrupt transfer
One 8-byte FIFO
• Supports one control endpoint, two bulk endpoint addresses, and one interrupt endpoint
address
• Two 64-byte FIFOs enable fast BulkOut transfer and BulkIn transfer
• Supports 8 bit/16 bit DMA transfer
•VCC is 3.0 V to 3.6 V
• Supporting dual power supply enables 5 V application interface
• Built-in 48 MHz oscillator circuit
• Package options:
44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: ML60851AGA)
44-pin plastic TQFP (TQFP44-P-1010-0.80-K) (Product name: ML60851ATB)
¡ Semiconductor
ML60851A
USB Device Controller
E2N0026-18-Y3
This version: Nov. 1998
Preliminary


Similar Part No. - ML60851AGA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
ML60851CGA OKI-ML60851CGA Datasheet
413Kb / 67P
   USB Device Controller
ML60851CTB OKI-ML60851CTB Datasheet
413Kb / 67P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results

Similar Description - ML60851AGA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
   USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
   USB Device Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com