Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML60851CTB Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML60851CTB
Description  USB Device Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML60851CTB Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML60851CTB Datasheet HTML 5Page - OKI electronic componets ML60851CTB Datasheet HTML 6Page - OKI electronic componets ML60851CTB Datasheet HTML 7Page - OKI electronic componets ML60851CTB Datasheet HTML 8Page - OKI electronic componets ML60851CTB Datasheet HTML 9Page - OKI electronic componets ML60851CTB Datasheet HTML 10Page - OKI electronic componets ML60851CTB Datasheet HTML 11Page - OKI electronic componets ML60851CTB Datasheet HTML 12Page - OKI electronic componets ML60851CTB Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
PEDL60851C-02
1Semiconductor
ML60851C
9/67
End Point 0 Transmit FIFO (EP0TXFIFO)
Read address
Write address
C0h
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
xxx
xxxx
x
After a bus reset
xxx
xxxx
x
Definition
EP0 Transmit data (W)
The EP0 transmit data can be written in by writing to the address C0h. The receive data from the host in the data
stage during a control read transfer is stored in EP0TXFIFO. When the ML60851C issues an EP0 transmit packet
ready interrupt request, the local MCU writes the transmit data to the address C0h. It is possible to write the packet
data successively by writing continuously.
The EP0 TXFIFO is cleared under the following conditions:
1. When an ACK is received from the host for the data transmission from EP0.
2. When a setup packet is received.
End Point 1 Transmit FIFO (EP1TXFIFO)
Read address
Write address
C1h
D7
D6
D5
D4
D3
D2
D1
D0
After a hardware reset
xxx
xxxx
x
After a bus reset
xxx
xxxx
x
Definition
EP1 Transmit data (W)
The EP1 transmit data can be written in by writing to the address C1h. When EP1 has been set for bulk
transmission (BULK IN), The local MCU should write the transmit data in EP1TXFIFO when the ML60851C
issues an EP1 packet ready interrupt request. It is possible to write the packet data successively by writing
continuously. When the data transfer direction of EP1 is set as ‘Receive’, all accesses to this address will be
invalid.
The EP1 transmit FIFO is cleared under the following conditions:
1. When an ACK is received from the host for the data transmission from EP1.
2. When the local MCU writes a “1” in the EP1FIFO clear bit (CLRFIFO(1)).
Even when a DMA write with a 16-bit width is made in EP1TXFIFO, the address is A7:A0 = 41h.


Similar Part No. - ML60851CTB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851AGA OKI-ML60851AGA Datasheet
325Kb / 45P
   USB Device Controller
ML60851ATB OKI-ML60851ATB Datasheet
325Kb / 45P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results

Similar Description - ML60851CTB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
   USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
   USB Device Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com