Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML63193 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML63193
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63193 Datasheet(HTML) 1 Page - OKI electronic componets

  ML63193 Datasheet HTML 1Page - OKI electronic componets ML63193 Datasheet HTML 2Page - OKI electronic componets ML63193 Datasheet HTML 3Page - OKI electronic componets ML63193 Datasheet HTML 4Page - OKI electronic componets ML63193 Datasheet HTML 5Page - OKI electronic componets ML63193 Datasheet HTML 6Page - OKI electronic componets ML63193 Datasheet HTML 7Page - OKI electronic componets ML63193 Datasheet HTML 8Page - OKI electronic componets ML63193 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FEDL63193-04
1Semiconductor
This version:
Sep. 2001
Previous version: Mar. 2000
ML63193
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
1/37
GENERAL DESCRIPTION
The ML63193 is CMOS 4-bit microcontroller with built-in 1024-dot matrix LCD drivers (64 SEG. × 16 COM.),
and operates at 0.9 V (Min). The ML63193 is suitable for applications as games, toys, watches, remote controller,
etc. Which are provided with a LCD display.
The ML63193 is an M6318x series mask ROM-version product of OLMS-63K family, which employs Oki’s
original CPU core nX-4/250.
FEATURES
• Extensive instruction set
408 instructions:
Transfer, rotate, increment/decrement, arithmetic operations, compare, logic operations, mask operations,
bit operations, ROM table reference, stack operations, flag operations, jump, conditional branch, call/return,
control
• Wide variety of addressing modes
Indirect addressing mode for 4 types of data memory with current bank register, extra bank register,
HL register and XY register
Data memory bank internal direct addressing mode
• Processing speed
2 clocks per machine cycle, with most instructions executed in 1 machine cycle
Minimum instruction execution time
: 61
µs (@ 32.768 kHz system clock)
: 1
µs (@ 2 MHz system clock)
• Clock generation circuit
Low-speed clock
: Crystal oscillation or RC oscillation selected with mask option
(30 kHz to 80 kHz)
High-speed clock
: Ceramic oscillation or RC oscillation selected with software
(2 MHz max)
• Program memory space
64 K words
Basic instruction length is 16 bits/1word.
• Data memory space
2048 nibbles
• Stack level
Call stack level
: 16 levels
Register stack level
: 16 levels


Similar Part No. - ML63193

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXGA OKI-ML63187B-XXXGA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63187B-XXXWA OKI-ML63187B-XXXWA Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63189B OKI-ML63189B Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
More results

Similar Description - ML63193

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com